Electronic Components Datasheet Search
  English  ▼

X  

2SC5752 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC5752
Description  NPN SILICON RF TRANSISTOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5752 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC5752 Datasheet HTML 1Page - Renesas Technology Corp 2SC5752 Datasheet HTML 2Page - Renesas Technology Corp 2SC5752 Datasheet HTML 3Page - Renesas Technology Corp 2SC5752 Datasheet HTML 4Page - Renesas Technology Corp 2SC5752 Datasheet HTML 5Page - Renesas Technology Corp 2SC5752 Datasheet HTML 6Page - Renesas Technology Corp 2SC5752 Datasheet HTML 7Page - Renesas Technology Corp 2SC5752 Datasheet HTML 8Page - Renesas Technology Corp 2SC5752 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Data Sheet P15658EJ1V0DS
3
2SC5752
TYPICAL CHARACTERISTICS (Unless otherwise specified, TA = +25
°°°°C)
300
250
200
150
100
50
0
25
50
75
100
125
150
Ambient Temperature TA (˚C)
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Mounted on Glass Epoxy PCB
(1.08 cm
2
× 1.0 mm (t) )
f = 1 MHz
Collector to Base Voltage VCB (V)
REVERSE TRANSFER CAPACITANCE
vs. COLLECTOR TO BASE VOLTAGE
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
01
4
5
3
26
1 000
100
10
1
0.1
10
100
Collector Current IC (mA)
DC CURRENT GAIN vs.
COLLECTOR CURRENT
VCE = 3 V
VCE = 3 V
Base to Emitter Voltage VBE (V)
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
100
10
1
0.01
0.001
0.1
0.0001
0.7
0.6
0.5
0.8
0.9
1.0
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
100
50
30
40
90
80
70
60
10
20
02
6
48
IB = 100 A
µ
300 A
µ
400 A
µ
500 A
µ
600 A
µ
700 A
µ
200 A
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com