Electronic Components Datasheet Search
  English  ▼

X  

2SC5752 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC5752
Description  NPN SILICON RF TRANSISTOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5752 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 2SC5752 Datasheet HTML 2Page - Renesas Technology Corp 2SC5752 Datasheet HTML 3Page - Renesas Technology Corp 2SC5752 Datasheet HTML 4Page - Renesas Technology Corp 2SC5752 Datasheet HTML 5Page - Renesas Technology Corp 2SC5752 Datasheet HTML 6Page - Renesas Technology Corp 2SC5752 Datasheet HTML 7Page - Renesas Technology Corp 2SC5752 Datasheet HTML 8Page - Renesas Technology Corp 2SC5752 Datasheet HTML 9Page - Renesas Technology Corp 2SC5752 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Data Sheet P15658EJ1V0DS
4
2SC5752
VCE = 3 V
IC = 30 mA
Frequency f (GHz)
INSERTION POWER GAIN,
MAG, MSG vs. FREQUENCY
35
30
25
20
15
10
5
0
0.1
1
10
MAG
MSG
|S21e|
2
VCE = 3 V
f = 2.5 GHz
Collector Current IC (mA)
INSERTION POWER GAIN, MAG
vs. COLLECTOR CURRENT
25
20
15
10
5
0
1
10
100
MAG
|S21e|
2
VCE = 3 V
f = 2 GHz
Collector Current IC (mA)
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
15
10
5
0
10
1
100
VCE = 3 V
f = 2 GHz
Collector Current IC (mA)
INSERTION POWER GAIN, MAG, MSG
vs. COLLECTOR CURRENT
25
20
15
10
5
0
1
10
100
|S21e|
2
MAG
MSG
VCE = 3 V
f = 1 GHz
Collector Current IC (mA)
INSERTION POWER GAIN, MAG, MSG
vs. COLLECTOR CURRENT
25
5
10
15
20
0
1
10
100
MAG
MSG
|S21e|
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com