Electronic Components Datasheet Search
  English  ▼

X  

2SD2161 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SD2161
Description  SILICON POWER TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD2161 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SD2161 Datasheet HTML 1Page - Renesas Technology Corp 2SD2161 Datasheet HTML 2Page - Renesas Technology Corp 2SD2161 Datasheet HTML 3Page - Renesas Technology Corp 2SD2161 Datasheet HTML 4Page - Renesas Technology Corp 2SD2161 Datasheet HTML 5Page - Renesas Technology Corp 2SD2161 Datasheet HTML 6Page - Renesas Technology Corp 2SD2161 Datasheet HTML 7Page - Renesas Technology Corp 2SD2161 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
1998
©
Document No. D14864EJ2V0DS00 (2nd edition)
Date Published April 2002 N CP(K)
Printed in Japan
SILICON POWER TRANSISTOR
2SD2161
NPN SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION)
FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
DATA SHEET
2002
The 2SD2161 is a Darlington power transistor that can directly drive
from the IC output.
This transistor is ideal for motor drivers and
solenoid drivers in such as OA and FA equipment.
In
addition,
a
small
resin-molded
insulation
type
package
contributes to high-density mounting and reduction of mounting cost.
FEATURES
• High hFE due to Darlington connection
hFE
≥ 2,000 (VCE = 2.0 V, IC = 2.0 A)
• Full mold package that does not require an insulating board or
insulation bushing
ABSOLUTE MAXIMUM RATINGS (TA = 25
°°°°C)
Parameter
Symbol
Conditions
Ratings
Unit
Collector to base voltage
VCBO
100
V
Collector to emitter voltage
VCEO
100
V
Emitter to base voltage
VEBO
7.0
V
Collector current (DC)
IC(DC)
±5.0
A
Collector current (pulse)
IC(pulse)
PW
≤ 300
µs,
duty cycle
≤ 10%
±10
A
Base current (DC)
IB(DC)
0.5
A
TC = 25
°C
20
W
Total power dissipation
PT
TA = 25
°C
2.0
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
ORDERING INFORMATION
Ordering Name
Package
2SD2161
Isolated TO-220
(Isolated TO-220)
INTERNAL EQUIVALENT CIRCUIT
1. Base
2. Collector
3. Emitter



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com