Electronic Components Datasheet Search
  English  ▼

X  

2SD2161 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SD2161
Description  SILICON POWER TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD2161 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SD2161 Datasheet HTML 1Page - Renesas Technology Corp 2SD2161 Datasheet HTML 2Page - Renesas Technology Corp 2SD2161 Datasheet HTML 3Page - Renesas Technology Corp 2SD2161 Datasheet HTML 4Page - Renesas Technology Corp 2SD2161 Datasheet HTML 5Page - Renesas Technology Corp 2SD2161 Datasheet HTML 6Page - Renesas Technology Corp 2SD2161 Datasheet HTML 7Page - Renesas Technology Corp 2SD2161 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet D14864EJ2V0DS
2
2SD2161
ELECTRICAL CHARACTERISTICS (TA = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB = 100 V, IE = 0 A
1.0
µA
hFE1
VCE = 2.0 V, IC = 2.0 A
Note
2,000
8,000
20,000
DC current gain
hFE2
VCE = 2.0 V, IC = 4.0 A
Note
500
Collector saturation voltage
VCE(sat)
IC = 2.0 A, IB = 2.0 mA
Note
1.5
V
Base saturation voltage
VBE(sat)
IC = 2.0 A, IB = 2.0 mA
Note
2.0
V
Gain bandwidth product
fT
VCE = 5.0 V, IC = 0.5 A
30
MHz
Collector capacitance
Cob
VCB = 10 V, IE = 0 A, f = 1.0 MHz
35
pF
Turn-on time
ton
1.0
µs
Storage time
tstg
3.5
µs
Fall time
tf
IC = 2.0 A, RL = 25
Ω,
IB1 =
−IB2 = 2.0 mA, VCC ≅ 50 V
Refer to the test circuit.
1.2
µs
Note Pulse test PW
≤ 350
µs, duty cycle ≤ 2%
hFE CLASSIFICATION
Marking
M
L
K
hFE1
2,000 to 5,000
4,000 to 10,000
8,000 to 20,000
SWITCHING TIME (ton, tstg, tf) TEST CIRCUIT
%DVH FXUUHQW
ZDYHIRUP
&ROOHFWRUFXUUHQW
ZDYHIRUP



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com