Electronic Components Datasheet Search
  English  ▼

X  

2SD2164 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SD2164
Description  SILICON POWER TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD2164 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SD2164 Datasheet HTML 1Page - Renesas Technology Corp 2SD2164 Datasheet HTML 2Page - Renesas Technology Corp 2SD2164 Datasheet HTML 3Page - Renesas Technology Corp 2SD2164 Datasheet HTML 4Page - Renesas Technology Corp 2SD2164 Datasheet HTML 5Page - Renesas Technology Corp 2SD2164 Datasheet HTML 6Page - Renesas Technology Corp 2SD2164 Datasheet HTML 7Page - Renesas Technology Corp 2SD2164 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
1998
©
Document No. D15606EJ3V0DS00 (3rd edition)
Date Published April 2002 N CP(K)
Printed in Japan
SILICON POWER TRANSISTOR
2SD2164
NPN SILICON EPITAXIAL TRANSISTOR
FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
DATA SHEET
2002
The 2SD2164 is a single power transistor developed especially
for high hFE. This transistor is ideal for simplifying drive circuits and
reducing power dissipation because its hFE is as high as that of
Darlington transistors, but it is a single transistor.
In addition, this transistor features a small resin insulated
package, thus contributing to high-density mounting and mounting
cost reduction.
FEATURES
• High hFE and low VCE(sat):
hFE
≅ 1,300 TYP. (VCE = 5.0 V, IC = 0.5 A)
VCE(SAT)
≅ 0.3 V TYP. (IC = 2.0 A, IB = 20 mA)
• Full mold package that does not require an insulating board or
insulation bushing
ABSOLUTE MAXIMUM RATINGS (TA = 25
°°°°C)
Parameter
Symbol
Ratings
Unit
Collector to base voltage
VCBO
60
V
Collector to emitter voltage
VCEO
60
V
Emitter to base voltage
VEBO
7.0
V
Collector current (DC)
IC(DC)
3.0
A
Collector current (pulse)
IC(pulse)
5.0
Note
A
Base current (DC)
IB(DC)
0.5
A
Total power dissipation
PT (TC = 25
°C)
20
W
Total power dissipation
PT (TA = 25
°C)
2.0
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Note PW
≤ 300
µs, duty cycle ≤ 10%
PACKAGE DRAWING (UNIT: mm)
(OHFWURGH&RQQHFWLRQ
%DVH
&ROOHFWRU
(PLWWHU



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com