Electronic Components Datasheet Search
  English  ▼

X  

2SD2164 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SD2164
Description  SILICON POWER TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD2164 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SD2164 Datasheet HTML 1Page - Renesas Technology Corp 2SD2164 Datasheet HTML 2Page - Renesas Technology Corp 2SD2164 Datasheet HTML 3Page - Renesas Technology Corp 2SD2164 Datasheet HTML 4Page - Renesas Technology Corp 2SD2164 Datasheet HTML 5Page - Renesas Technology Corp 2SD2164 Datasheet HTML 6Page - Renesas Technology Corp 2SD2164 Datasheet HTML 7Page - Renesas Technology Corp 2SD2164 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet D15606EJ3V0DS
2
2SD2164
ELECTRICAL CHARACTERISTICS (TA = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB = 60 V, IE = 0 A
10
µA
Emitter cutoff current
IEBO
VEB = 7.0 V, IC = 0 A
10
µA
DC current gain
hFE1
VCE = 5.0 V, IC = 0.5 A
Note
800
1,300
3,200
DC current gain
hFE2
VCE = 5.0 V, IC = 3.0 A
Note
500
1,000
Collector saturation voltage
VCE(sat)
IC = 2.0 A, IB = 20 mA
Note
0.3
0.5
V
Base saturation voltage
VBE(sat)
IC = 2.0 A, IB = 20 mA
Note
1.2
V
Gain bandwidth product
fT
VCE = 5.0 V, IC = 0.1 A
110
MHz
Collector capacitance
Cob
VCB = 10 V, IE = 0 A, f = 1.0 MHz
50
pF
1RWH Pulse test PW ≤ 350
µs, duty cycle ≤ 2%
hFE1 CLASSIFICATION
Marking
M
L
K
hFE1
800 to 1,600
1,000 to 2,000
1,600 to 3,200



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com