Electronic Components Datasheet Search
  English  ▼

X  

1N6309C Datasheet(PDF) 3 Page - Microsemi Corporation

Part # 1N6309C
Description  VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N6309C Datasheet(HTML) 3 Page - Microsemi Corporation

  1N6309C Datasheet HTML 1Page - Microsemi Corporation 1N6309C Datasheet HTML 2Page - Microsemi Corporation 1N6309C Datasheet HTML 3Page - Microsemi Corporation 1N6309C Datasheet HTML 4Page - Microsemi Corporation 1N6309C Datasheet HTML 5Page - Microsemi Corporation 1N6309C Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
T4-LDS-0193, Rev. 2 (111899)
©2011 Microsemi Corporation
Page 3 of 6
1N6309 thru 1N6355D
ELECTRICAL CHARACTERISTICS @ 25
oC
TYPE
Note 1
VZ2
NOM.
+/-5%
@ IZ2
VZ1
MIN.
@ IZ1
250 uA
Test
Current
IZ2
Dynamic
Impedance
ZZ @ IZ2
Dynamic
Impedance
ZZK
@
250
µA
Max.
Current
IZM
Voltage
Reg.
VZ(reg)
(
∆V
Z )
Note 2
Surge
Current
8.3 ms
quare
Wave
IZSM
Reverse
Voltage
VR
Max.
Reverse
Current
IR1 @ VR
25
oC
Max.
Reverse
Current
IR2 @ VR
150
oC
Max.
Noise
Density
ND
@ 250
µA
1 to 3 kHz
Max.
Temp.
Coeff. of
Zener
Voltage
α
VZ
Volts
Volts
mA
ohms
ohms
mA
Volts
Amps
Volts
µA
µA
µ
V /√Hz
%/
oC
1N6309
2.4
1.1
20
30
1,200
177
1.50
2.50
1.0
100
200
1
-.085
1N6310
2.7
1.2
20
30
1,300
157
1.50
2.20
1.0
60
150
1
-.080
1N6311
3.0
1.3
20
29
1,400
141
1.50
2.00
1.0
30
100
1
-.075
1N6312
3.3
1.5
20
27
1,400
128
1.60
1.80
1.0
5
20
1
-.070
1N6313
3.6
1.8
20
25
1,400
117
1.60
1.65
1.0
3
12
1
-.065
1N6314
3.9
2.0
20
23
1,700
108
1.60
1.50
1.0
2
12
1
-.060
1N6315
4.3
2.4
20
20
1,700
99
0.90
1.40
1.0
2
12
1
-.045
+.020
1N6316
4.7
2.8
20
17
1,500
90
0.50
1.27
1.5
5
12
1
-.028
+.032
1N6317
5.1
3.3
20
14
1,300
83
0.40
1.17
2.0
5
12
1
-.020
+.035
1N6318
5.6
4.3
20
8
1,200
76
0.40
1.10
2.5
5
10
2
+.050
1N6319
6.2
5.2
20
3
800
68
0.30
0.97
3.5
5
10
5
+.060
1N6320
6.8
6.0
20
3
400
63
0.35
1.23
4.0
2
50
5
+.062
1N6321
7.5
6.6
20
4
400
57
0.40
1.16
5.0
2
30
5
+.068
1N6322
8.2
7.5
20
5
400
52
0.40
1.07
6.0
1
10
20
+.075
1N6323
9.1
8.4
20
6
500
47
0.50
0.97
7.0
1
10
40
+.076
1N6324
10.0
9.1
20
6
500
43
0.50
0.89
8.0
1
10
80
+.079
1N6325
11.0
10.0
20
7
550
39
0.50
0.83
8.5
1
10
100
+.082
1N6326
12.0
11.0
20
7
550
35
0.55
0.77
9.0
1
10
100
+.083
1N6327
13.0
11.9
9.5
8
550
33
0.55
0.71
9.9
0.05
10
100
+.083
1N6328
15.0
13.8
8.5
10
600
28
0.70
0.62
11.0
0.05
10
100
+.084
1N6329
16.0
14.7
7.8
12
600
27
0.75
0.58
12.0
0.05
10
100
+.084
1N6330
18.0
16.6
7.0
14
600
24
0.85
0.52
14.0
0.05
10
100
+.085
1N6331
20.0
18.5
6.2
18
500
21
0.95
0.47
15.0
0.05
10
100
+.086
1N6332
22.0
20.4
5.6
20
500
19
1.05
0.43
17.0
0.05
10
100
+.087
1N6333
24.0
22.3
5.2
24
500
18
1.15
0.39
18.0
0.05
10
100
+.088
1N6334
27.0
25.2
4.6
27
500
16
1.30
0.35
21.0
0.05
10
100
+.090
1N6335
30.0
28.0
4.2
32
500
14
1.45
0.31
23.0
0.05
10
100
+.091
1N6336
33.0
30.9
3.8
40
600
13
1.60
0.28
25.0
0.05
10
100
+.092
1N6337
36.0
33.7
3.4
50
600
12
1.75
0.260
27.0
0.05
10
100
+.093
1N6338
39.0
36.6
3.2
55
700
11
1.90
0.240
30
0.05
10
100
+.094
1N6339
43.0
40.4
3.0
65
800
9.9
2.10
0.220
33
0.05
10
80
+.095
1N6340
47.0
44.2
2.7
75
900
9.0
2.25
0.200
36
0.05
10
80
+.095
1N6341
51.0
48.0
2.5
85
1,000
8.3
2.50
0.180
39
0.05
10
80
+.096
1N6342
56.0
52.7
2.2
100
1,200
7.6
2.70
0.170
43
0.05
10
80
+.097
1N6343
62.0
58.4
2.0
125
1,300
6.8
2.90
0.150
47
0.05
10
80
+.099
1N6344
68.0
64.1
1.8
155
1,500
6.3
3.20
0.130
52
0.05
10
80
+.101
1N6345
75.0
70.8
1.7
180
1,600
5.7
3.40
0.125
56
0.05
10
80
+.103
1N6346
82.0
77.4
1.5
220
1,800
5.2
3.80
0.115
62
0.05
10
80
+.105
1N6347
91.0
86.0
1.4
270
2,100
4.7
4.20
0.100
69
0.05
10
80
+.108
1N6348
100.0
94.5
1.3
340
2,400
4.3
4.40
0.095
76
0.05
10
80
+.110
1N6349
110.0
104.0
1.1
500
2,800
3.9
4.80
0.085
84
0.05
10
80
+.110
1N6350
120.0
113.0
1.0
600
3,200
3.5
5.20
0.080
91
0.05
10
80
+.110
1N6351
130.0
122
0.95
850
4,100
3.3
5.60
0.070
99
0.05
10
80
+.110
1N6352
150.0
141
0.85
1,000
4,500
2.8
7.00
0.065
114
0.05
10
80
+.110
1N6353
160.0
151
0.80
1,200
5,000
2.7
7.50
0.060
122
0.05
10
80
+.110
1N6354
180.0
170
0.68
1,500
5,600
2.4
9.00
0.050
137
0.05
10
80
+.110
1N6355
200.0
189
0.65
1,800
6,500
2.1
12.00
0.045
152
0.05
10
80
+.110
NOTES:
1. Standard voltage tolerance is 5 percent. Tighter tolerances are available in plus/minus 1 and 2 percent voltage tolerances. (See part
nomenclature.)
2. Voltage regulation VZ(reg) is the measured voltage change at thermal equilibrium between the current of 10% and 50% of maximum Zener
current IZM when the lead temperature is maintained at 25 °C =+8 °C, -2 °C.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com