Electronic Components Datasheet Search
  English  ▼

X  

1N6309C Datasheet(PDF) 6 Page - Microsemi Corporation

Part # 1N6309C
Description  VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N6309C Datasheet(HTML) 6 Page - Microsemi Corporation

  1N6309C Datasheet HTML 1Page - Microsemi Corporation 1N6309C Datasheet HTML 2Page - Microsemi Corporation 1N6309C Datasheet HTML 3Page - Microsemi Corporation 1N6309C Datasheet HTML 4Page - Microsemi Corporation 1N6309C Datasheet HTML 5Page - Microsemi Corporation 1N6309C Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
T4-LDS-0193, Rev. 2 (111899)
©2011 Microsemi Corporation
Page 6 of 6
1N6309 thru 1N6355D
PACKAGE DIMENSIONS
NOTE:
DIMENSIONS
1. Dimensions are in inches.
Ltr
INCH
MILLIMETERS
Notes
2. Millimeters are given for general information only.
Min
Max
Min
Max
3. Lead diameter not controlled in this zone to allow for flash.
BD
.060
.090
1.52
2.29
Lead finish build-up and minor irregularities other than slugs.
BL
.120
.200
3.05
5.08
5
4. In accordance with ASME Y14.5M, diameters are equivalent to
LD
.018
.022
0.46
0.56
Φx symbology.
LL
1.000
1.500
25.40
38.10
5. The BL dimension shall include the entire body including slugs.
LL1
.050
1.27
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com