Electronic Components Datasheet Search
  English  ▼

X  

2SD2230 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SD2230
Description  SILICON POWER TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD2230 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SD2230 Datasheet HTML 1Page - Renesas Technology Corp 2SD2230 Datasheet HTML 2Page - Renesas Technology Corp 2SD2230 Datasheet HTML 3Page - Renesas Technology Corp 2SD2230 Datasheet HTML 4Page - Renesas Technology Corp 2SD2230 Datasheet HTML 5Page - Renesas Technology Corp 2SD2230 Datasheet HTML 6Page - Renesas Technology Corp 2SD2230 Datasheet HTML 7Page - Renesas Technology Corp 2SD2230 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1998
©
'RFXPHQW 1R '(-9'6 VW HGLWLRQ
'DWH 3XEOLVKHG $SULO  1 &3 .
3ULQWHG LQ -DSDQ
6,/,&21 75$16,6725
6'
1316,/,&21(3,7$;,$/75$16,6725
)25/2:)5(48(1&< 32:(5$03/,),(56
'$7$ 6+((7
2002
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
The 2SD2230 is an element realizing ultra low VCE(sat). This
transistor is ideal for muting such as stereo recorders, VCRs,
and TVs.
FEATURES
• Low VCE(sat):
VCE(sat)1 = 33 mV TYP. @IC = 100 mA, IB = 10 mA
VCE(sat)2 = 150 mV TYP. @IC = 500 mA, IB = 20 mA
• High hFE and high current
QUALITY GRADES
• Standard
Please refer to “Quality Grades on NEC Semiconductor
Devices” (Document No. C11531E) published by NEC
Corporation to know the specification of quality grade on the
devices and its recommended applications.
PACKAGE DRAWING (UNIT: mm)
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°°°°C)
Parameter
Symbol
Ratings
Unit
Collector to base voltage
VCBO
16
V
Collector to emitter voltage
VCEO
16
V
Emitter to base voltage
VEBO
5
V
Collector current (DC)
ID(DC)
500
mA
Total power dissipation
PT
200
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Electrode connection
1. Emitter (E)
2. Base (B)
3. Collector (C)
Marking: D46



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com