Electronic Components Datasheet Search
  English  ▼

X  

2SD2230 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SD2230
Description  SILICON POWER TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD2230 Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SD2230 Datasheet HTML 1Page - Renesas Technology Corp 2SD2230 Datasheet HTML 2Page - Renesas Technology Corp 2SD2230 Datasheet HTML 3Page - Renesas Technology Corp 2SD2230 Datasheet HTML 4Page - Renesas Technology Corp 2SD2230 Datasheet HTML 5Page - Renesas Technology Corp 2SD2230 Datasheet HTML 6Page - Renesas Technology Corp 2SD2230 Datasheet HTML 7Page - Renesas Technology Corp 2SD2230 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Data Sheet D16153EJ1V0DS
4
2SD2230
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered and mounted under the following recommended conditions.
For soldering methods and conditions other than those recommended below, contact an NEC sales representative.
Surface Mounting Type
For details of the recommended soldering conditions, refer to the document
Semiconductor Device Mounting
Technology Manual (C10535E).
Soldering Method
Soldering Conditions
Recommended
Condition Symbol
Infrared reflow
Package peak temperature: 230
°C, Time: 30 sec. max. (at 210°C or higher),
Count: Once, Exposure limit: None*
IR30-00
VPS
Package peak temperature: 215
°C, Time: 40 sec. max. (at 200°C or higher),
Count: Once, Exposure limit: None*
VP15-00
Partial heating
Pin temperature: 300
°C max., Time: 10 sec. max. Exposure limit: None*
O
* After opening the dry pack, store it at 25
°C or less and 65% RH or less for the allowable storage period.
Caution Do not use different soldering methods together (except for partial heating).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com