Electronic Components Datasheet Search
  English  ▼

X  

2SD2383 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SD2383
Description  SILICON TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD2383 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SD2383 Datasheet HTML 1Page - Renesas Technology Corp 2SD2383 Datasheet HTML 2Page - Renesas Technology Corp 2SD2383 Datasheet HTML 3Page - Renesas Technology Corp 2SD2383 Datasheet HTML 4Page - Renesas Technology Corp 2SD2383 Datasheet HTML 5Page - Renesas Technology Corp 2SD2383 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
SILICON TRANSISTOR
2SD2383
NPN SILICON EPITAXIAL TRANSISTOR
FOR HIGH-VOLTAGE SWITCHING
DATA SHEET
Document No. D16154EJ2V0DS00 (2nd edition)
Date Published August 2004 NS CP(K)
Printed in Japan
2002
The mark
shows major revised points.
DESCRIPTION
The 2SD2383 is an element realizing high voltage in small
dimension. This transistor is ideal for downsizing sets
requiring high voltage.
FEATURES
• High voltage
• Small dimension
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SD2383
SC-59
Marking: N1
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Collector to Base Voltage
VCBO
400
V
Collector to Emitter Voltage
VCEO
300
V
Emitter to Base Voltage
VEBO
5.0
V
Collector Current (DC)
IC(DC)
20
mA
Total Power Dissipation
PT
200
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−55 to +150
°C
PACKAGE DRAWING (Unit: mm)
2.8 ±0.2
1.5
0.65
+0.1
–0.15
Marking
1
2
3
1. Emitter
2. Base
3. Collector



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com