Electronic Components Datasheet Search
  English  ▼

X  

2SD2383 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SD2383
Description  SILICON TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD2383 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SD2383 Datasheet HTML 1Page - Renesas Technology Corp 2SD2383 Datasheet HTML 2Page - Renesas Technology Corp 2SD2383 Datasheet HTML 3Page - Renesas Technology Corp 2SD2383 Datasheet HTML 4Page - Renesas Technology Corp 2SD2383 Datasheet HTML 5Page - Renesas Technology Corp 2SD2383 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Data Sheet D16154EJ2V0DS
2
2SD2383
ELECTRICAL CHARACTERISTICS (TA = 25°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB = 200 V, IE = 0 A
100
nA
Emitter Cut-off Current
IEBO
VEB = 5.0 V, IC = 0 A
100
nA
DC Current Gain
hFE
VCE = 6.0 V, IC = 5 mA
100
250
−
Collector Saturation Voltage
VCE(sat)
IC = 5.0 mA, IB = 0.5 mA
85
500
mV
Base Saturation Voltage
VBE(sat)
IC = 5.0 mA, IB = 0.5 mA
0.68
1.0
V
Gain Bandwidth Product
fT
VCE = 30 V, IE =
−10 mA
90
MHz
Output Capacitance
Cob
VCB = 30 V, IE = 0, f = 1 MHz
1.3
pF
TYPICAL CHARACTERISTICS (TA = 25°C)
250
200
150
100
50
0
0
50
100
150
25
75
125
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
TA - Ambient Temperature - ˚C
Free air
100
50
20
10
5
2
1
0.1
0.5
0.2
600
800
1000
700
900
500
400
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
VBE - Base to Emitter Voltage - mV
VCE = 6.0 V
100
100
50
50
20
20
10
1000
500
200
10
5
2
1
0.1
0.5
0.2
DC CURRENT GAIN vs.
COLLECTOR CURRENT
IC - Collector Current - mA
VCE = 6.0 V
TA = 75˚C
25˚C
−25˚C
100
100
50
50
20
20
10
1000
500
200
10
5
2
1
0.1
0.5
0.2
COLLECTOR SATURATION VOLTAGE vs.
COLLECTOR CURRENT
IC - Collector Current - mA
IC = 10.IB
TA = 75˚C
25˚C
−25˚C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com