Electronic Components Datasheet Search
  English  ▼

X  

1N8167 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 1N8167
Description  Voidless-Hermetically-Sealed Unidirectional 150 W Low-Capacitance Transient Voltage Suppressors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N8167 Datasheet(HTML) 2 Page - Microsemi Corporation

  1N8167 Datasheet HTML 1Page - Microsemi Corporation 1N8167 Datasheet HTML 2Page - Microsemi Corporation 1N8167 Datasheet HTML 3Page - Microsemi Corporation 1N8167 Datasheet HTML 4Page - Microsemi Corporation 1N8167 Datasheet HTML 5Page - Microsemi Corporation 1N8167 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
T4-LDS-xxxx, Rev x (10-02-14)
©2013 Microsemi Corporation
Page 2 of 6
1N8149
– 1N8182
MECHANICAL and PACKAGING
 CASE: Hermetically sealed voidless hard glass with tungsten slugs.
 TERMINALS: Axial-leads are tin/lead or RoHS compliant matte/tin plating over copper.
 MARKING: Body paint and part number
 POLARITY: Cathode band
 MOUNTING: Any position
 TAPE & REEL option: Standard per EIA-296.
 WEIGHT: Approximately 340 milligrams.
 See Package Dimensions on last page.
PART NOMENCLATURE
MQ
1N8149
(e3)
Reliability Level
Blank = Commercial
MQ (reference JAN)
MX (reference JANTX)
MV (reference JANTXV)
MS (reference JANS)
Type number
(see Electrical Characteristics
table)
RoHS Compliance
e3 = RoHS compliant
Blank = non-RoHS compliant
SYMBOLS & DEFINITIONS
Symbol
Definition
V(BR)
Temperature Coefficient of Breakdown Voltage: The change in breakdown voltage divided by the change in
temperature that caused it expressed in %/°C or mV/°C.
V(BR)
Breakdown Voltage: The voltage across the device at a specified current I(BR) in the breakdown region.
VWM
Working Standoff Voltage: The maximum-rated value of dc or repetitive peak positive cathode-to-anode voltage that
may be continuously applied over the standard operating temperature.
ID
Standby Current: The current through the device at rated stand-off voltage.
I(BR)
Breakdown Current: The current used for measuring Breakdown Voltage V(BR)
IPP
Peak Impulse Current: The maximum rated random recurring peak impulse current or nonrepetitive peak impulse
current that may be applied to a device. A random recurring or nonrepetitive transient current is usually due to an
external cause, and it is assumed that its effect will have completely disappeared before the next transient arrives.
VC
Clamping Voltage: The voltage across the device in a region of low differential resistance during the application of an
impulse current (IPP) for a specified waveform.
PPP
Peak Pulse Power. The rated random recurring peak impulse power or rated nonrepetitive peak impulse power. The
impulse power is the maximum-rated value of the product of IPP and VC.
CT
Total Capacitance: The total small signal capacitance between the diode terminals of a complete device.
VWIB
Inverse Blocking Voltage: The maximum-rated value of dc or peak blocking voltage in the inverse direction.
IIB
Blocking Leakage Current: The current through the device at the rated inverse blocking voltage (VWIB).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com