Electronic Components Datasheet Search
  English  ▼

X  

1N8167 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1N8167
Description  Voidless-Hermetically-Sealed Unidirectional 150 W Low-Capacitance Transient Voltage Suppressors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N8167 Datasheet(HTML) 1 Page - Microsemi Corporation

  1N8167 Datasheet HTML 1Page - Microsemi Corporation 1N8167 Datasheet HTML 2Page - Microsemi Corporation 1N8167 Datasheet HTML 3Page - Microsemi Corporation 1N8167 Datasheet HTML 4Page - Microsemi Corporation 1N8167 Datasheet HTML 5Page - Microsemi Corporation 1N8167 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
T4-LDS-xxxx, Rev x (10-02-14)
©2013 Microsemi Corporation
Page 1 of 6
1N8149
– 1N8182
Available
Voidless-Hermetically-Sealed Unidirectional 150 W
Low-Capacitance Transient Voltage Suppressors
DESCRIPTION
This series of voidless-hermetically-sealed unidirectional low-capacitance Transient Voltage Suppressor
(TVS) designs are ideal for protecting higher frequency applications in high-reliability applications where
a failure cannot be tolerated. They include a unique rectifier diode in series and opposite direction from
the TVS to achieve a very low capacitance of 4 pF. This product series provides a working peak
“standoff” voltage selection from 6.8 to 170 volts with 150 watt ratings. They are very robust in hard-
glass construction and also use an internal metallurgical bond identified as Category 1 for high reliability
applications. These devices are also available in axial leaded packages for thru-hole mounting.
“A” Package
Also available in:
“A” MELF package
(surface mount)
1N8149US
– 1N8182US
Important: For the latest information, visit our website http://www.microsemi.com.
FEATURES
High surge current and peak pulse power unidirectional protection for sensitive circuits.
Very low capacitance for high frequency or high baud rate applications.
Bidirectional capability with two devices in anti-parallel (see Figure 5).
Triple-layer passivation.
Internal “Category 1” metallurgical bonds.
Voidless hermetically sealed glass package.
RoHS compliant versions are available.
APPLICATIONS / BENEFITS
High reliability transient protection.
Extremely robust construction.
Working p
eak “standoff” voltage (VWM) from 6.8 to 170 volts.
Available as 150 W peak pulse power (PPP) at 10/1000 µs.
Lowest available capacitance for 150 W rated TVS.
ESD and EFT protection per IEC61000-4-2 and IEC61000-4-4 respectively.
Secondary lightning protection per select levels in IEC61000-4-5.
Flexible axial-leaded mounting terminals.
Nonsensitive to ESD per MIL-STD-750 method 1020.
Inherently radiation hard as described in Microsemi MicroNote 050.
MAXIMUM RATINGS
MSC
– Lawrence
6 Lake Street,
Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158
(978) 620-2600
Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
MSC
– Ireland
Gort Road Business Park,
Ennis, Co. Clare, Ireland
Tel: +353 (0) 65 6840044
Fax: +353 (0) 65 6822298
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website:
www.microsemi.com
Parameters/Test Conditions
Symbol
Value
Unit
Junction and Storage Temperature
TJ and TSTG
-55 to +175
oC
Capacitance at zero volts
C
4
pF
Thermal Resistance junction to ambient
RθJA
150
oC/W
Peak Pulse Power at 25
oC (10µs/1000µs)
PPP
150
W
Impulse repetition rate (duty factor)
d.f
0.01
%
Steady State (Average) Power @ TA = 25
oC
PM(AV)
1.0
W
Solder Temperature (10 s maximum)
260
oC
Note: Steady-state power ratings with reference to ambient are for PC boards where thermal resistance from
mounting point to ambient is sufficiently controlled where TJ(MAX) is not exceeded.


Similar Part No. - 1N8167

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1N816 CENTRAL-1N816 Datasheet
51Kb / 1P
Forward Reference Diodes
logo
New Jersey Semi-Conduct...
1N816 NJSEMI-1N816 Datasheet
20Kb / 1P
Forward Reference Diode
logo
List of Unclassifed Man...
1N816 ETC-1N816 Datasheet
155Kb / 1P
DO-35 Case
More results

Similar Description - 1N8167

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6469 MICROSEMI-1N6469 Datasheet
331Kb / 3P
Voidless-Hermetically-Sealed Unidirectiona Transient Suppressors
1N6461US MICROSEMI-1N6461US Datasheet
310Kb / 3P
Voidless-Hermetically-Sealed Surface Mount Unidirectional Transient
1N6461 MICROSEMI-1N6461_08 Datasheet
223Kb / 3P
Voidless-Hermetically-Sealed Unidirectional Transient Suppressors
1N6469US MICROSEMI-1N6469US_07 Datasheet
185Kb / 3P
Voidless-Hermetically-Sealed Surface Mount Unidirectional Transient Suppressors
JANTX1N6461US MICROSEMI-JANTX1N6461US Datasheet
508Kb / 6P
Voidless Hermetically Sealed Unidirectional Transient Voltage Suppressors
JAN1N6467 MICROSEMI-JAN1N6467 Datasheet
223Kb / 3P
Voidless-Hermetically-Sealed Unidirectional Transient Suppressors
JANTX1N6467US MICROSEMI-JANTX1N6467US Datasheet
508Kb / 6P
Voidless Hermetically Sealed Unidirectional Transient Voltage Suppressors
JAN1N6461 MICROSEMI-JAN1N6461 Datasheet
508Kb / 6P
Voidless Hermetically Sealed Unidirectional Voidless Hermetically Sealed Unidirectional
JANTX1N6464 MICROSEMI-JANTX1N6464 Datasheet
529Kb / 6P
Voidless Hermetically Sealed Unidirectional Transient Voltage Suppressors
1N6138A MICROSEMI-1N6138A Datasheet
509Kb / 7P
Voidless Hermetically Sealed Bidirectional Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com