Electronic Components Datasheet Search
  English  ▼

X  

BC856SH Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BC856SH
Description  65 V, 100 mA PNP/PNP general-purpose double transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC856SH Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BC856SH Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC856SH Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC856SH Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC856SH Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC856SH Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC856SH Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC856SH Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC856SH Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC856SH Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
BC856SH
65 V, 100 mA PNP/PNP general-purpose double transistor
22 March 2021
Product data sheet
1. General description
PNP/PNP general-purpose double transistor in a very small SOT363 (SC-88) Surface-Mounted
Device (SMD) plastic package.
NPN/NPN complement: BC846SH
2. Features and benefits
• Low collector capacitance
• Low collector-emitter saturation voltage
• Closely matched current gain
• Reduces number of components and board space
• No mutual interference between the transistors
• High-temperature applications up to 175 °C
3. Applications
• General-purpose switching and amplification
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
VCEO
collector-emitter
voltage
open base
-
-
-65
V
IC
collector current
-
-
-100
mA
hFE
DC current gain
VCE = -5 V; IC = -2 mA; Tamb = 25 °C
110
-
-


Similar Part No. - BC856SH

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BC856SH-Q NEXPERIA-BC856SH-Q Datasheet
234Kb / 10P
65 V, 100 mA PNP/PNP general-purpose double transistor
6 May 2021
More results

Similar Description - BC856SH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC856BS NXP-BC856BS Datasheet
100Kb / 12P
65 V, 100 mA PNP/PNP general-purpose transistor
Rev. 01-11 August 2009
BC856S NXP-BC856S Datasheet
94Kb / 12P
65 V, 100 mA PNP/PNP general-purpose transistor
Rev. 02-19 February 2009
logo
Nexperia B.V. All right...
BC846BPNH-Q NEXPERIA-BC846BPNH-Q Datasheet
268Kb / 12P
65 V, 100 mA NPN/PNP general-purpose double transistor
6 May 2021
BC846BPNH NEXPERIA-BC846BPNH Datasheet
267Kb / 12P
65 V, 100 mA NPN/PNP general-purpose double transistor
4 May 2021
BC856BS NEXPERIA-BC856BS Datasheet
1Mb / 12P
65 V, 100 mA PNP/PNP general-purpose transistor
Rev. 01 - 11 August 2009
BC856BSH-Q NEXPERIA-BC856BSH-Q Datasheet
235Kb / 10P
65 V, 100 mA PNP/PNP general-purpose double transistor
6 May 2021
BC856BSH NEXPERIA-BC856BSH Datasheet
234Kb / 10P
65 V, 100 mA PNP/PNP general-purpose double transistor
22 March 2021
BC856S-Q NEXPERIA-BC856S-Q Datasheet
244Kb / 11P
65 V, 100 mA PNP/PNP general-purpose transistor
17 June 2021
BC856S NEXPERIA-BC856S Datasheet
241Kb / 11P
65 V, 100 mA PNP/PNP general-purpose transistor
1 July 2022
BC856SH-Q NEXPERIA-BC856SH-Q Datasheet
234Kb / 10P
65 V, 100 mA PNP/PNP general-purpose double transistor
6 May 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com