Electronic Components Datasheet Search
  English  ▼

X  

BC847AMB Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BC847AMB
Description  45 V, 100 mA PNP general-purpose transistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC847AMB Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BC847AMB Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC847AMB Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC847AMB Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC847AMB Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC847AMB Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC847AMB Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC847AMB Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC847AMB Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC847AMB Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
Product profile
1.1 General description
PNP general-purpose transistors in a leadless ultra small SOT883B Surface-Mounted
Device (SMD) plastic package.
1.2 Features and benefits
1.3 Applications
 General-purpose switching and amplification
 Mobile applications
1.4 Quick reference data
BC857xMB series
45 V, 100 mA PNP general-purpose transistors
Rev. 1 — 21 February 2012
Product data sheet
Table 1.
Product overview
Type number
Package
NPN complement
Nexperia
JEITA
JEDEC
BC857AMB
SOT883B
-
-
BC847AMB
BC857BMB
SOT883B
-
-
BC847BMB
BC857CMB
SOT883B
-
-
BC847CMB
 Leadless ultra small SMD plastic
package
 Power dissipation comparable to SOT23
 Low package height of 0.37 mm
 AEC-Q101 qualified
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
45
V
IC
collector current
-
-
100 mA
hFE
DC current gain
VCE = 5V; IC = 2mA
BC857AMB
125
-
250
BC857BMB
220
-
475
BC857CMB
420
-
800


Similar Part No. - BC847AMB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC847AMB NXP-BC847AMB Datasheet
349Kb / 14P
45 V, 100 mA NPN general-purpose transistors
Rev. 1-5 March 2012
BC847AMB NXP-BC847AMB Datasheet
349Kb / 14P
45 V, 100 mA NPN general-purpose transistors
Rev. 1-5 March 2012
logo
Nexperia B.V. All right...
BC847AMB NEXPERIA-BC847AMB Datasheet
1,007Kb / 14P
45 V, 100 mA NPN general-purpose transistors
Rev. 1 - 5 March 2012
More results

Similar Description - BC847AMB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PB709ASL NXP-2PB709ASL Datasheet
56Kb / 9P
45 V, 100 mA PNP general-purpose transistors
Rev. 01-12 November 2008
BC857XMB PHILIPS-BC857XMB_15 Datasheet
389Kb / 14P
45 V, 100 mA PNP general-purpose transistors
Rev. 1-21 February 2012
logo
Nexperia B.V. All right...
BC807K NEXPERIA-BC807K Datasheet
349Kb / 24P
45 V, 500 mA PNP general-purpose transistors
BC847RAPN NEXPERIA-BC847RAPN Datasheet
264Kb / 13P
45 V, 100 mA NPN/PNP general-purpose double transistors
BC857RA NEXPERIA-BC857RA Datasheet
240Kb / 11P
45 V, 100 mA PNP/PNP general-purpose double transistors
BC857XMB NEXPERIA-BC857XMB Datasheet
1Mb / 14P
45 V, 100 mA PNP general-purpose transistors
BC857XQA NEXPERIA-BC857XQA Datasheet
1Mb / 15P
45 V, 100 mA PNP general-purpose transistors
2PB709ARL NEXPERIA-2PB709ARL Datasheet
614Kb / 9P
45 V, 100 mA PNP general-purpose transistors
Rev. 01 - 12 November 2008
BC807QC_SER NEXPERIA-BC807QC_SER Datasheet
320Kb / 14P
45 V, 500 mA PNP general-purpose transistors
Rev. 1 - 4 January 2021
BC857XQA_SER NEXPERIA-BC857XQA_SER Datasheet
1Mb / 15P
45 V, 100 mA PNP general-purpose transistors
Rev. 1 - 26 August 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com