Electronic Components Datasheet Search
  English  ▼

X  

BC847AMB Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BC847AMB
Description  45 V, 100 mA PNP general-purpose transistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC847AMB Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BC847AMB Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC847AMB Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC847AMB Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC847AMB Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC847AMB Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC847AMB Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC847AMB Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC847AMB Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC847AMB Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
© Nexperia B.V. 2017. All rights reserved
BC857XMB_SER
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 21 February 2012
2 of 14
Nexperia
BC857xMB series
45 V, 100 mA PNP general-purpose transistors
2.
Pinning information
3.
Ordering information
4.
Marking
[1]
For SOT883B binary marking code description, see Figure 1.
4.1 Binary marking code description
Table 3.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1base
2emitter
3
collector
3
1
2
Transparent
top view
sym013
3
2
1
Table 4.
Ordering information
Type number
Package
Name
Description
Version
BC857xMB series -
leadless ultra small plastic package; 3 solder lands;
body 1.0
 0.6  0.37 mm
SOT883B
Table 5.
Marking codes
Type number
Marking code[1]
BC857AMB
0100 0100
BC857BMB
0100 0101
BC857CMB
0100 0110
Fig 1.
SOT883B binary marking code description
MARKING CODE
(EXAMPLE)
PIN 1 INDICATION
READING DIRECTION
READING DIRECTION
READING EXAMPLE:
0111
1011
006aac673



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com