Electronic Components Datasheet Search
  English  ▼

X  

8T33FS6111 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # 8T33FS6111
Description  Low Voltage 2.5V/3.3V Differential LVPECL/HSTL Fanout Buffer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8T33FS6111 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button 8T33FS6111 Datasheet HTML 10Page - Renesas Technology Corp 8T33FS6111 Datasheet HTML 11Page - Renesas Technology Corp 8T33FS6111 Datasheet HTML 12Page - Renesas Technology Corp 8T33FS6111 Datasheet HTML 13Page - Renesas Technology Corp 8T33FS6111 Datasheet HTML 14Page - Renesas Technology Corp 8T33FS6111 Datasheet HTML 15Page - Renesas Technology Corp 8T33FS6111 Datasheet HTML 16Page - Renesas Technology Corp 8T33FS6111 Datasheet HTML 17Page - Renesas Technology Corp 8T33FS6111 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
LOW VOLTAGE 2.5V/3.3V DIFFERENTIAL LVPECL/HSTL
FANOUT BUFFER
14
REVISION 1 12/02/14
8T33FS6111 DATA SHEET
Termination for 3.3V LVPECL Outputs
The clock layout topology shown below is a typical termination for
LVPECL outputs. The two different layouts mentioned are
recommended only as guidelines.
The differential outputs are a low impedance follower output that
generate LVPECL compatible outputs. Therefore, terminating
resistors (DC current path to ground) or current sources must be
used for functionality. These outputs are designed to drive 50
transmission lines. Matched impedance techniques should be used
to maximize operating frequency and minimize signal distortion.
Figure 7A and Figure 7B show two different layouts which are
recommended only as guidelines. Other suitable clock layouts may
exist and it would be recommended that the board designers
simulate to guarantee compatibility across all printed circuit and clock
component process variations.
Figure 7A. 3.3V LVPECL Output Termination
Figure 7B. 3.3V LVPECL Output Termination
R1
84
R2
84
3.3V
R3
125
R4
125
Z
o = 50
Z
o = 50
Input
3.3V
3.3V
+
_



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com