Electronic Components Datasheet Search
  English  ▼

X  

8T33FS6111 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 8T33FS6111
Description  Low Voltage 2.5V/3.3V Differential LVPECL/HSTL Fanout Buffer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8T33FS6111 Datasheet(HTML) 2 Page - Renesas Technology Corp

  8T33FS6111 Datasheet HTML 1Page - Renesas Technology Corp 8T33FS6111 Datasheet HTML 2Page - Renesas Technology Corp 8T33FS6111 Datasheet HTML 3Page - Renesas Technology Corp 8T33FS6111 Datasheet HTML 4Page - Renesas Technology Corp 8T33FS6111 Datasheet HTML 5Page - Renesas Technology Corp 8T33FS6111 Datasheet HTML 6Page - Renesas Technology Corp 8T33FS6111 Datasheet HTML 7Page - Renesas Technology Corp 8T33FS6111 Datasheet HTML 8Page - Renesas Technology Corp 8T33FS6111 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
LOW VOLTAGE 2.5V/3.3V DIFFERENTIAL LVPECL/HSTL
FANOUT BUFFER
2
REVISION 1 12/02/14
8T33FS6111 DATA SHEET
Pin Description and Characteristics
1
VCC
Power
Positive power supply. All VCC pins must be connected to the
positive power supply for correct DC and AC operation.
2
CLK_SEL
Input
Active clock input select.
3
CLKA
Input
LVPECL
Differential reference clock signal input.
4
nCLKA
Input
LVPECL
Differential reference clock signal input.
5
VBB
Output
DC
Reference voltage output for single ended LVPECL operation.
6
CLKB
Input
HSTL/LVPECL
Alternative differential reference clock signal input.
7
nCLKB
Input
HSTL/LVPECL
Alternative differential reference clock signal input.
8
VEE
Power
Negative power supply.
9
VCC
Power
Positive power supply. All VCC pins must be connected to the
positive power supply for correct DC and AC operation.
10
nQ9
Output
LVPECL
Differential clock outputs.
11
Q9
Output
LVPECL
12
nQ8
Output
LVPECL
Differential clock outputs.
13
Q8
Output
LVPECL
14
nQ7
Output
LVPECL
Differential clock outputs.
15
Q7
Output
LVPECL
16
VCC
Power
Positive power supply. All VCC pins must be connected to the
positive power supply for correct DC and AC operation.
17
nQ6
Output
LVPECL
Differential clock outputs.
18
Q6
Output
LVPECL
19
nQ5
Output
LVPECL
Differential clock outputs.
20
Q5
Output
LVPECL
21
nQ4
Output
LVPECL
Differential clock outputs.
22
Q4
Output
LVPECL
23
nQ3
Output
LVPECL
Differential clock outputs.
24
Q3
Output
LVPECL
25
VCC
Power
Positive power supply. All VCC pins must be connected to the
positive power supply for correct DC and AC operation.
26
nQ2
Output
LVPECL
Differential clock outputs.
27
Q2
Output
LVPECL
28
nQ1
Output
LVPECL
Differential clock outputs.
29
Q1
Output
LVPECL
30
nQ0
Output
LVPECL
Differential clock outputs.
31
Q0
Output
LVPECL
32
VCC
Power
Positive power supply. All VCC pins must be connected to the
positive power supply for correct DC and AC operation.
Table 1. Pin Description
Number
Name
Type
Description
Table 2. Function Table
Control
Default
0
1
CLK_SEL
0
CLKA, nCLKA input pair is active. CLKA can
be driven by LVPECL compatible signals.
CLKB, nCLKB input pair is active.
CLKB can be driven by HSTL or LVPECL
compatible signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com