Electronic Components Datasheet Search
  English  ▼

X  

8T33FS6221 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # 8T33FS6221
Description  Low Voltage 1:20 Differential PECL/HSTL Clock Fanout Buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8T33FS6221 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button 8T33FS6221 Datasheet HTML 10Page - Renesas Technology Corp 8T33FS6221 Datasheet HTML 11Page - Renesas Technology Corp 8T33FS6221 Datasheet HTML 12Page - Renesas Technology Corp 8T33FS6221 Datasheet HTML 13Page - Renesas Technology Corp 8T33FS6221 Datasheet HTML 14Page - Renesas Technology Corp 8T33FS6221 Datasheet HTML 15Page - Renesas Technology Corp 8T33FS6221 Datasheet HTML 16Page - Renesas Technology Corp 8T33FS6221 Datasheet HTML 17Page - Renesas Technology Corp 8T33FS6221 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
8T33FS6221 DATASHEET
LOW VOLTAGE 1:20 DIFFERENTIAL PECL/HSTL CLOCK
FANOUT BUFFER
14
R31DS0008EU0110 Rev.1.1 Apr 8, 2021
Termination for 2.5V LVPECL Outputs
Figure 5A and Figure 5B show examples of termination for 2.5V
LVPECL driver. These terminations are equivalent to terminating
50 to VCC – 2V. For VCC = 2.5V, the VCC – 2V is very close to
ground level. The R3 in Figure 5B can be eliminated and the
termination is shown in Figure 5C.
Figure 5A. 2.5V LVPECL Driver Termination Example
Figure 5B. 2.5V LVPECL Driver Termination Example
Figure 5C. 2.5V LVPECL Driver Termination Example
2.5V LVPECL Driver
VCC = 2.5V
2.5V
2.5V
50
50
R1
250
R3
250
R2
62.5
R4
62.5
+
–
2.5V LVPECL Driver
VCC = 2.5V
2.5V
50
50
R1
50
R2
50
+
–
2.5V LVPECL Driver
VCC = 2.5V
2.5V
50
50
R1
50
R2
50
R3
24
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com