Electronic Components Datasheet Search
  English  ▼

X  

8T33FS6221 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 8T33FS6221
Description  Low Voltage 1:20 Differential PECL/HSTL Clock Fanout Buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8T33FS6221 Datasheet(HTML) 2 Page - Renesas Technology Corp

  8T33FS6221 Datasheet HTML 1Page - Renesas Technology Corp 8T33FS6221 Datasheet HTML 2Page - Renesas Technology Corp 8T33FS6221 Datasheet HTML 3Page - Renesas Technology Corp 8T33FS6221 Datasheet HTML 4Page - Renesas Technology Corp 8T33FS6221 Datasheet HTML 5Page - Renesas Technology Corp 8T33FS6221 Datasheet HTML 6Page - Renesas Technology Corp 8T33FS6221 Datasheet HTML 7Page - Renesas Technology Corp 8T33FS6221 Datasheet HTML 8Page - Renesas Technology Corp 8T33FS6221 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
8T33FS6221 DATASHEET
LOW VOLTAGE 1:20 DIFFERENTIAL PECL/HSTL CLOCK
FANOUT BUFFER
2
R31DS0008EU0110 Rev.1.1 Apr 8, 2021
Pin Description
Table 1. Pin Description Table
Number
Name
Type
Description
1
VCC
Power
Power supply. All VCC pins must be connected to the positive power
supply for correct DC and AC operation.
2
VCC
Power
Power supply. All VCC pins must be connected to the positive power
supply for correct DC and AC operation.
3
CLK_SEL
Input
Pull-down
Clock reference select input.
4
CLK0
Input
Pull-down
Differential reference clock signal input.
5
nCLK0
Input
Pull-up/
Pull-down
Differential reference clock signal input.
6
VBB
Output
Reference voltage output for single ended PECL operation.
7
CLK1
Input
Pull-down
Differential reference clock signal input.
8
nCLK1
Input
Pull-up/
Pull-down
Differential reference clock signal input.
9
VEE1
Power
Negative power supply.
10
nQ19
Output
PECL
Differential clock output.
11
Q19
Output
PECL
Differential clock output.
12
nQ18
Output
PECL
Differential clock output.
13
Q18
Output
PECL
Differential clock output.
14
VCC
Power
Power supply. All VCC pins must be connected to the positive power
supply for correct DC and AC operation.
15
nQ17
Output
PECL
Differential clock output.
16
Q17
Output
PECL
Differential clock output.
17
nQ16
Output
PECL
Differential clock output.
18
Q16
Output
PECL
Differential clock output.
19
nQ15
Output
PECL
Differential clock output.
20
Q15
Output
PECL
Differential clock output.
21
nQ14
Output
PECL
Differential clock output.
22
Q14
Output
PECL
Differential clock output.
23
nQ13
Output
PECL
Differential clock output.
24
Q13
Output
PECL
Differential clock output.
25
nQ12
Output
PECL
Differential clock output.
26
Q12
Output
PECL
Differential clock output.
27
VCC
Power
Power supply. All VCC pins must be connected to the positive power
supply for correct DC and AC operation.
28
nQ11
Output
PECL
Differential clock output.
29
Q11
Output
PECL
Differential clock output.
30
nQ10
Output
PECL
Differential clock output.
31
Q10
Output
PECL
Differential clock output.
32
nQ9
Output
PECL
Differential clock output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com