Electronic Components Datasheet Search
  English  ▼

X  

US1AF Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # US1AF
Description  ULTRAFAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

US1AF Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  US1AF Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. US1AF Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US1AF THRU US1MF
Features
· Ideal for printed circuit board
· Low forward voltage drop
· Low reverse leakage
· Ultrafast reverse recovery time
· High forward surge capability
· High temperature soldering :
260℃/10seconds at terminals
· Component in accordance to
RoHS 2011/65/EU
Maximum Ratings and Electrical Characteristics (TA=25°C unless otherwise noted)
ULTRAFAST RECOVERY RECTIFIER
CURRENT 1.0 A
VOLTAGE 50 to 1000 V
Mechanical Data
· Case : SMAF Molding compound meets
UL 94 V-0 flammability rating
· Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
· Polarity : Laser band denotes cathode end
Dimensions in inches and (millimeters)
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Typical thermal resistance from juction to ambient
Maximum average forward rectified current
at TL=100℃
V
V
Symbols
Units
A
Maximum DC reverse current
at rated DC blocking voltage
V
TA=25℃
TA=125℃
Items
VRRM
1.0
TJ , TSTG
50
Maximum DC blocking voltage
IFSM
30
500
V
pF
Maximum reverse recovery time (1)
IR
TRR
5
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
VRMS
IF(AV)
VF
Typical junction capacitance (2)
Typical thermal resistance from juction to lead
20
Operating junction and storage
temperature range
℃/W
℃/W
US1AF
Maximum instantaneous forward voltage at 1.0A
1.0
1.3
1.7
-55 to +150
℃
RθJL
50
75
Notes:
(1) Reverse recovery test conditions : IF=0.5A, IR=1.0A, Irr=0.25A.
(2) Measured at 1MHz and applied reverse voltage of 4.0Volts.
US1DF US1GF US1JF US1KF US1MF
200
400
600
800
1000
35
140
280
420
560
700
50
100
US1BF
70
100
200
400
600
800
1000
VDC
RθJA
CJ
30
70
A
μA
ns
https://dec.co.kr
DAESAN ELECTRONIC CORP.
SMAF
0.002(0.05)
0.011(0.30)
0.035(0.90)
0.051(1.30)
0.130(3.30)
0.146(3.70)
0.090(2.30)
0.110(2.80)
0.047(1.20)
0.063(1.60)
0.019(0.50) Min.
0.169(4.30)
0.193(4.90)


Similar Part No. - US1AF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
US1AF PANJIT-US1AF Datasheet
285Kb / 5P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
List of Unclassifed Man...
US1AF ETC2-US1AF Datasheet
525Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Guangdong Kexin Industr...
US1AF KEXIN-US1AF Datasheet
1Mb / 3P
Ultra Fast Recovery Diodes
logo
YENYO TECHNOLOGY Co., L...
US1AF YENYO-US1AF Datasheet
333Kb / 3P
1.0A Ultra Fast Recovery Rectifier
logo
Microdiode Semiconducto...
US1AF CHENDA-US1AF Datasheet
627Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
More results

Similar Description - US1AF

ManufacturerPart #DatasheetDescription
logo
Sensitron
SS6620 SENSITRON-SS6620 Datasheet
57Kb / 3P
Ultrafast Recovery Rectifier
logo
Solid States Devices, I...
RC0138B SSDI-RC0138B_15 Datasheet
74Kb / 2P
ULTRAFAST RECOVERY RECTIFIER
logo
Inchange Semiconductor ...
MUR1540 ISC-MUR1540 Datasheet
85Kb / 2P
Ultrafast Recovery Rectifier
DPG10I300PA ISC-DPG10I300PA Datasheet
293Kb / 2P
Ultrafast Recovery Rectifier
MUR8100D ISC-MUR8100D Datasheet
302Kb / 2P
Ultrafast Recovery Rectifier
logo
Rectron Semiconductor
MUR1680C RECTRON-MUR1680C Datasheet
124Kb / 5P
ULTRAFAST RECOVERY RECTIFIER
logo
Inchange Semiconductor ...
STTH60L06C ISC-STTH60L06C Datasheet
277Kb / 2P
Ultrafast Recovery Rectifier
STTH8L06FP ISC-STTH8L06FP Datasheet
280Kb / 2P
Ultrafast Recovery Rectifier
RFVS8TJ6S ISC-RFVS8TJ6S Datasheet
279Kb / 2P
Ultrafast Recovery Rectifier
logo
DAESAN ELECTRONIC CORP.
UF4001G DAESAN-UF4001G Datasheet
128Kb / 2P
ULTRAFAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com