Electronic Components Datasheet Search
  English  ▼

X  

US1AF Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # US1AF
Description  ULTRAFAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

US1AF Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  US1AF Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. US1AF Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1- DERATING CURVE OUTPUT
RECTIFIED CURRENT
LEAD TEMPERATURE (℃)
FIG.3-TYPICAL FORWARD VOLTAGE
CHARACTERISTICS
FIG.2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT PERLEG
FIG.4-TYPICAL REVERSE LEAKAGE
CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
RATINGS AND CHARACTERISTIC CURVES US1AF THRU US1MF
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
100
1.0
10
0.01
0.1
0
20
40
60
80
100
100
0
20
40
60
80
120
140
160
INSTANTANEOUS FORWARD VOLTAGE (V)
10
20
1
0.1
0.01
0.2
0.6
1.0
2.0
1.8
1.4
NUMBER OF CYCLES
30
35
25
20
15
5
1
10
100
10
0
https://dec.co.kr
DAESAN ELECTRONIC CORP.
1Cycle
f=60Hz
TJ=25℃
TJ=125℃
US1AF~US1DF
US1GF
US1JF~US1MF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com