Electronic Components Datasheet Search
  English  ▼

X  

INA254A2IPWAR Datasheet(PDF) 3 Page - Texas Instruments

Part # INA254A2IPWAR
Description  INA254 80-V, High-Voltage, ±75-A Integrated Precision Shunt, Bidirectional, Zero-Drift Current-Shunt Monitor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA254A2IPWAR Datasheet(HTML) 3 Page - Texas Instruments

  INA254A2IPWAR Datasheet HTML 1Page - Texas Instruments INA254A2IPWAR Datasheet HTML 2Page - Texas Instruments INA254A2IPWAR Datasheet HTML 3Page - Texas Instruments INA254A2IPWAR Datasheet HTML 4Page - Texas Instruments INA254A2IPWAR Datasheet HTML 5Page - Texas Instruments INA254A2IPWAR Datasheet HTML 6Page - Texas Instruments INA254A2IPWAR Datasheet HTML 7Page - Texas Instruments INA254A2IPWAR Datasheet HTML 8Page - Texas Instruments INA254A2IPWAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
5 Device Comparison
Table 5-1. Device Comparison
PRODUCT
GAIN (mV/A)
INA254A1
20
INA254A2
40
INA254A3
75
6 Pin Configuration and Functions
DNC
RES
OUT
REF1
IS–
SH+
IN+
IS+
DNC
IS–
NC
IS+
DNC
GND
VS
REF2
IS–
SH–
IN–
IS+
DNC
IS–
NC
IS+
9
10
11
12
16
15
14
13
19
18
17
22
21
20
24
23
25
26
8
7
6
6
5
4
3
2
1
Not to scale
Figure 6-1. PWA Package 24-Pin HTSSOP Top View
Table 6-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
DNC
4, 9, 16, 21
—
Do not connect this pin to any potential; leave this pin floating
GND
10
Ground
Device ground connection
IN+
17
Analog input
Positive input to internal amplifier. Connect to SH+ or external filter network.
IN–
8
Analog input
Negative input to internal amplifier. Connect to SH– or external filter network.
IS+
2, 3, 22, 23, 25
Analog input
Positive connection to internal shunt resistor. Connect to supply for high-side sensing or load ground for
low-side sensing.
IS–
5, 6, 19, 20, 26
Analog input
Negative connection to internal shunt resistor. Connect to load for high-side sensing or system ground for
low-side sensing.
NC
1, 24
—
No internal connection. Can be left floating, connected to ground or supply. Connecting to IS+ simplifies
high current connections to the shunt.
OUT
14
Analog output
Current sense amplifier output.
REF1
13
Analog input
Reference voltage 1. Connect to any voltage between 0 V and VS to support bidirectional or
unidirectional operation.
REF2
12
Analog input
Reference voltage 2. Connect to any voltage between 0 V and VS to support bidirectional or
unidirectional operation.
RES
15
—
Reserved pin. Connect to GND.
SH+
18
Analog output
Internal shunt positive sense connection. Connect to IN+ or external filter network.
SH–
7
Analog output
Internal shunt negative sense connection. Connect to IN– or external filter network.
VS
11
Power
Device power supply connection, 2.7 V to 5.5 V.
www.ti.com
INA254
SLOS974A – JUNE 2021 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: INA254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com