Electronic Components Datasheet Search
  English  ▼

X  

INA254A2IPWAR Datasheet(PDF) 21 Page - Texas Instruments

Part # INA254A2IPWAR
Description  INA254 80-V, High-Voltage, ±75-A Integrated Precision Shunt, Bidirectional, Zero-Drift Current-Shunt Monitor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA254A2IPWAR Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA254A2IPWAR Datasheet HTML 17Page - Texas Instruments INA254A2IPWAR Datasheet HTML 18Page - Texas Instruments INA254A2IPWAR Datasheet HTML 19Page - Texas Instruments INA254A2IPWAR Datasheet HTML 20Page - Texas Instruments INA254A2IPWAR Datasheet HTML 21Page - Texas Instruments INA254A2IPWAR Datasheet HTML 22Page - Texas Instruments INA254A2IPWAR Datasheet HTML 23Page - Texas Instruments INA254A2IPWAR Datasheet HTML 24Page - Texas Instruments INA254A2IPWAR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Differential Input Voltage (V)
0
0.2
0.4
0.6
0.8
1
-100
-50
0
50
100
150
200
250
IB+
IB-
Figure 9-2. Input Bias Current vs Differential Input Voltage
Use Equation 1 to calculate the measurement error expected from the additional external filter resistors.
Gain Error (%) = 100
(100
Gain Error Factor)
-
´
(1)
where
• Equation 2 determines the Gain Error Factor
S
3000
Gain Error Factor
R
3000
(2)
Where:
• RS is the external filter resistance value
Use Equation 2 to calculate the gain error factor and determine the gain error introduced by the additional
external series resistance. Use Equation 1 to calculate the deviation of the shunt voltage resulting from the
attenuation and imbalance created by the added external filter resistance. Table 9-1 provides the gain error
factor and gain error for several resistor values.
Table 9-1. Gain Error Factor and Gain Error for External Input Resistors
EXTERNAL RESISTANCE (Ω)
GAIN ERROR FACTOR
GAIN ERROR (%)
5
0.998
0.17
10
0.997
0.33
100
0.968
3.23
9.2 Typical Applications
The INA254 offers advantages for multiple applications including the following:
• High common-mode range and excellent CMRR enables direct inline sensing
• Precision low-inductive, low-drift shunt eliminates the need for overtemperature system calibration
• Ultra-low offset and drift eliminates the necessity of calibration
• Wide supply range enables a direct interface with most microprocessors
www.ti.com
INA254
SLOS974A – JUNE 2021 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: INA254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com