Electronic Components Datasheet Search
  English  ▼

X  

OP490GS Datasheet(PDF) 2 Page - Analog Devices

Part # OP490GS
Description  Low Voltage Micropower Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP490GS Datasheet(HTML) 2 Page - Analog Devices

  OP490GS Datasheet HTML 1Page - Analog Devices OP490GS Datasheet HTML 2Page - Analog Devices OP490GS Datasheet HTML 3Page - Analog Devices OP490GS Datasheet HTML 4Page - Analog Devices OP490GS Datasheet HTML 5Page - Analog Devices OP490GS Datasheet HTML 6Page - Analog Devices OP490GS Datasheet HTML 7Page - Analog Devices OP490GS Datasheet HTML 8Page - Analog Devices OP490GS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. C
–2–
OP490–SPECIFICATIONS
OP490E
OP490F
OP490G
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset
Voltage
VOS
0.2
0.5
0.4
0.75
0.6
1.0
mV
Input Offset
Current
IOS
VCM = 0 V
0.4
3.0
0.4
5
0.4
5
nA
Input Bias
Current
IB
VCM = 0 V
4.2
15.0
4.2
20
4.2
25
nA
Large Signal
AVO
VS =
±15 V, VO = ±10 V,
Voltage Gain
RL = 100 k
W
700
1,200
500
1,000
400
800
V/mV
RL = 10 k
W
350
600
250
500
200
400
V/mV
RL = 2 k
W
125
250
100
200
100
200
V/mV
V+ = 5 V, V– = 0 V,
1 V < VO < 4 V
RL = 100 k
W
200
400
125
300
100
250
V/mV
RL = 10 k
W
100
180
75
140
70
140
V/mV
Input Voltage
IVR
V+ = 5 V, V– = 0 V
0/4
0/4
0/4
V
Range
VS =
±15 V1
–15/+13.5
–15/+13.5
–15/+13.5
V
Output Voltage
VO
VS =
±15 V, RL = 10 kW±13.5
±14.2
±13.5
±14.2
±13.5
±14.2
V
Swing
RL = 2 k
W±10.5
±11.5
±10.5
±11.5
±10.5
±11.5
V
VOH
V+ = 5 V, V– = 0 V,
RL = 2 k
W
4.0
4.2
4.0
4.2
4.0
4.2
V
VOL
V+ = 5 V, V– = 0 V,
RL = 10 k
W
100
500
100
500
100
500
mV
Common-Mode
CMRR
V+ = 5 V, V– = 0 V,
90
110
80
100
800
100
dB
Rejection Ratio
0 V < VCM < 4 V
VS =
±15 V,
100
130
90
120
90
120
dB
–15 V < VCM < +13.5 V
Power Supply
Rejection Ratio
PSRR
1.0
5.6
3.2
10
3.2
10
mV/V
Slew Rate
SR
VS =
±15 V
5
12
5
12
5
12
V/ms
Supply Current
VS =
±1.5 V, No Load
40
60
40
60
40
60
mA
(All Amplifiers)
ISY
VS =
±15 V, No Load
60
80
60
80
60
80
mA
Capacitive Load
AV = 1
650
650
650
pF
Stability
Input Noise
en p-p
fO = 0.1 Hz to 10 Hz,
Voltage
VS =
±15 V
3
3
3
mV p-p
Input Resistance
Differential Mode
RIN
VS =
±15 V
30
30
30
M
W
Input Resistance
Common-Mode
RINCM
VS =
±15 V
20
20
20
G
W
Gain Bandwidth
Product
GBWP
AV = 1
20
20
20
kHz
Channel Separation
CS
fO = 10 Hz, VO = 20 V p-p
120
150
120
150
120
150
dB
VS =
±15 V2
NOTES
1Guaranteed by CMRR test.
2Guaranteed but not 100% tested.
Specifications subject to change without notice
ELECTRICAL CHARACTERISTICS (@ V
S =
1.5 V to
15 V, TA = 25 C, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com