Electronic Components Datasheet Search
  English  ▼

X  

OP490GS Datasheet(PDF) 3 Page - Analog Devices

Part # OP490GS
Description  Low Voltage Micropower Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP490GS Datasheet(HTML) 3 Page - Analog Devices

  OP490GS Datasheet HTML 1Page - Analog Devices OP490GS Datasheet HTML 2Page - Analog Devices OP490GS Datasheet HTML 3Page - Analog Devices OP490GS Datasheet HTML 4Page - Analog Devices OP490GS Datasheet HTML 5Page - Analog Devices OP490GS Datasheet HTML 6Page - Analog Devices OP490GS Datasheet HTML 7Page - Analog Devices OP490GS Datasheet HTML 8Page - Analog Devices OP490GS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. C
–3–
OP490
(@ VS =
1.5 V to
15 V, –25 C
£ TA £ +85 C for OP490E/F, –40 C £ TA £ +125 C for
OP490G, unless otherwise noted)
OP490E
OP490F
OP490G
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset
Voltage
VOS
0.32
0.8
0.6
1.35
0.8
1.5
mV
Average Input
Offset Voltage Drift
TCVOS
VS =
±15 V
2
5
4
4
mV/∞C
Input Offset
Current
IOS
VCM = 0 V
0.8
3
1.0
5
1.3
7
nA
Input Bias
Current
IB
VCM = 0 V
4.4
15
4.4
20
4.4
25
nA
Large Signal
AVO
VS =
±15 V, VO = ±10 V,
Voltage Gain
RL = 100 k
W
500
800
350
700
300
600
V/mV
RL = 10 k
W
250
400
175
250
150
250
V/mV
RL = 2 k
W
100
200
75
150
75
125
V/mV
V+ = 5 V, V– = 0 V,
1 V < VO < 4 V
RL = 100 k
W
150
280
100
220
80
160
V/mV
RL = 10 k
W
75
140
50
110
40
90
V/mV
Input Voltage
IVR
V+ = 5 V, V– = 0 V
0.3/5
0.3/5
0.3/5
V
Range
VS =
±15 V*
–15/+13.5
–15/+13.5
–15/+13.5
V
Output Voltage
VO
VS =
±15 V, RL = 10 kW±13
±14
±13
±14
±13
±14
V
Swing
RL = 2 k
W±10
±11
±10
±11
±10
±11
V
VOH
V+ = 5 V, V– = 0 V,
RL = 2 k
W
3.9
4.1
3.9
4.1
3.9
4.1
V
VOL
V+ = 5 V, V– = 0 V,
RL = 10 k
W
100
500
100
500
100
500
mV
Common-Mode
CMRR
V+ = 5 V, V– = 0 V,
90
110
80
100
800
100
dB
Rejection Ratio
0 V < VCM < 3.5 V
VS =
±15 V,
100
120
90
110
90
110
dB
–15 V < VCM < +13.5 V
Power Supply
Rejection Ratio
PSRR
1.0
5.6
3.2
10
5.6
17.8
mV/V
Supply Current
VS =
±1.5 V, No Load
65
100
65
100
60
100
mA
(All Amplifiers)
ISY
VS =
±15 V, No Load
80
120
80
120
75
120
mA
NOTE
*Guaranteed by CMRR test.
Specifications subject to change without notice
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com