Electronic Components Datasheet Search
  English  ▼

X  

OP490E Datasheet(PDF) 12 Page - Analog Devices

Part # OP490E
Description  Low Voltage Micropower Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP490E Datasheet(HTML) 12 Page - Analog Devices

Back Button OP490E Datasheet HTML 8Page - Analog Devices OP490E Datasheet HTML 9Page - Analog Devices OP490E Datasheet HTML 10Page - Analog Devices OP490E Datasheet HTML 11Page - Analog Devices OP490E Datasheet HTML 12Page - Analog Devices OP490E Datasheet HTML 13Page - Analog Devices OP490E Datasheet HTML 14Page - Analog Devices OP490E Datasheet HTML 15Page - Analog Devices OP490E Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
REV. C
OP490
–12–
High Output Amplifier
The amplifier shown in Figure 7 is capable of driving 25 V p-p
into a 1 k
W load. Design of the amplifier is based on a bridge
configuration. A amplifies the input signal and drives the load
with the help of B. Amplifier C is a unity-gain inverter which
drives the load with help from D. Gain of the high output amplifier
with the component values shown is 10, but can easily be changed
by varying R1 or R2.
Single-Supply Micropower Quad Programmable Gain Amplifier
The combination of quad OP490 and the DAC8408 quad 8-bit
CMOS DAC, creates a quad programmable-gain amplifier with
a quiescent supply drain of only 140
mA. The digital code present
at the DAC, which is easily set by a microprocessor, determines
the ratio between the fixed DAC feedback resistor and the resis-
tance of the DAC ladder presents to the op amp feedback loop.
Gain of each amplifier is:
V
Vn
OUT
IN
=-
256
+15V
–15V
1/4
OP490E
B
R1
1k
VIN
2
3
11
4
1
R2
9k
1/4
OP490E
B
6
5
7
R3
50
R4
50
RL
R8
50
8
1/4
OP490E
C
13
12
9
10
1/4
OP490E
D
R6
5k
R7
50
R5
5k
14
Figure 7. High Output Amplifier
where n equals the decimal equivalent of the 8-bit digital code
present at the DAC. If the digital code present at the DAC
consists of all zeros, the feedback loop will be open causing the
op amp output to saturate. The 10 M
W resistors placed in paral-
lel with the DAC feedback loop eliminates this problem with a
very small reduction in gain accuracy. The 2.5 V reference biases
the amplifiers to the center of the linear region providing maximum
output swing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com