Electronic Components Datasheet Search
  English  ▼

X  

OP490E Datasheet(PDF) 13 Page - Analog Devices

Part # OP490E
Description  Low Voltage Micropower Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP490E Datasheet(HTML) 13 Page - Analog Devices

Back Button OP490E Datasheet HTML 8Page - Analog Devices OP490E Datasheet HTML 9Page - Analog Devices OP490E Datasheet HTML 10Page - Analog Devices OP490E Datasheet HTML 11Page - Analog Devices OP490E Datasheet HTML 12Page - Analog Devices OP490E Datasheet HTML 13Page - Analog Devices OP490E Datasheet HTML 14Page - Analog Devices OP490E Datasheet HTML 15Page - Analog Devices OP490E Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. C
OP490
–13–
DAC DATA BUS
PIN9(LSB) – 16(MSB)
DAC8408ET
A/B
17
R/W
18
DS1
19
20
DS2
DIGITAL
CONTROL
SIGNALS
28
DGND
OP490EY
1/4
OP490E
D
13
14
VOUTD
DAC D
1/4
DAC8408
12
23
R4
10M
IOUT1D
C4
0.1 F
+2.5V
REFERENCE
VOLTAGE
1/4
OP490E
A
11
4
2
VREFA
1
DAC A
1/4
DAC8408
3
2
3
+5V
4
1
R1
10M
VDD
IOUT1A
RFBA
1/4
OP490E
B
6
VREFB
7
VOUTB
DAC B
1/4
DAC8408
5
8
6
R2
10M
IOUT1B
RFBB
5
IOUT2A/2B
VOUTA
C1
0.1 F
C2
0.1 F
1/4
OP490E
C
9
VREFC
8
DAC C
1/4
DAC8408
10
27
25
R3
10M
IOUT1C
RFBC
VREFD 21
VIND
RFBD
24
IOUT2C/2D
VOUTC
C3
0.1 F
VINC
VINB
VINA
7
25
22
Figure 8. Single-Supply Micropower Quad Programmable Gain Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com