Electronic Components Datasheet Search
  English  ▼

X  

ECH8613 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # ECH8613
Description  High-Speed Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ECH8613 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  ECH8613 Datasheet HTML 1Page - Sanyo Semicon Device ECH8613 Datasheet HTML 2Page - Sanyo Semicon Device ECH8613 Datasheet HTML 3Page - Sanyo Semicon Device ECH8613 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ECH8613
No.7780-1/4
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN7780
ECH8613
P-Channel Silicon MOSFET
High-Speed Switching Applications
Features
•
Low ON-resistance.
•
High-speed switching.
•
2.5V drive.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
--12
V
Gate-to-Source Voltage
VGSS
±10
V
Drain Current (DC)
ID
--5
A
Drain Current (Pulse)
IDP
PW
≤10µs, duty cycle≤1%
--40
A
Allowable Power Dissipation
PD
Mounted on a ceramic board (900mm2!0.8mm)1unit
1.3
W
Total Dissipation
PT
Mounted on a ceramic board (900mm2!0.8mm)
1.5
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=--1mA, VGS=0
--12
V
Zero-Gate Voltage Drain Current
IDSS1VDS=--4V, VGS=0
--1
µA
IDSS2VDS=--12V, VGS=0
--10
µA
Gate-to-Source Leakage Current
IGSS
VGS=±8V, VDS=0
±10
µA
Cutoff Voltage
VGS(off)
VDS=--6V, ID=--1mA
--0.4
--1.4
V
Forward Transfer Admittance
yfs
VDS=--6V, ID=--2.5A
5.5
9.3
S
RDS(on)1
ID=--2A, VGS=--5V
26
33
m
Ω
Static Drain-to-Source On-State Resistance
RDS(on)2
ID=--1A, VGS=--4.5V
28
37
m
Ω
RDS(on)3
ID=--0.5A, VGS=--2.5V
43
60
m
Ω
Input Capacitance
Ciss
VDS=--6V, f=1MHz
1165
pF
Output Capacitance
Coss
VDS=--6V, f=1MHz
320
pF
Reverse Transfer Capacitance
Crss
VDS=--6V, f=1MHz
265
pF
Marking : FF
Continued on next page.
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
71504 TS IM TA-101131


Similar Part No. - ECH8613

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ECH8611 SANYO-ECH8611 Datasheet
42Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device
ECH8612 SANYO-ECH8612 Datasheet
43Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device
ECH8615 SANYO-ECH8615 Datasheet
44Kb / 4P
P-Channel Silicon MOSFET General-Purpose Switching Device
ECH8616 SANYO-ECH8616 Datasheet
42Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device
logo
ON Semiconductor
ECH8616 ONSEMI-ECH8616 Datasheet
97Kb / 4P
General-Purpose Switching Device Applications
Jan-2011, Rev. 0
More results

Similar Description - ECH8613

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6N16FE TOSHIBA-SSM6N16FE Datasheet
143Kb / 5P
High Speed Switching Applications Analog Switching Applications
SSM3K16FU TOSHIBA-SSM3K16FU Datasheet
137Kb / 5P
High Speed Switching Applications Analog Switching Applications
2SJ344 TOSHIBA-2SJ344_07 Datasheet
580Kb / 5P
High Speed Switching Applications
2SJ346 TOSHIBA-2SJ346_07 Datasheet
568Kb / 5P
High Speed Switching Applications
1SS419 TOSHIBA-1SS419 Datasheet
122Kb / 3P
High-Speed Switching Applications
SSM3K04FV TOSHIBA-SSM3K04FV Datasheet
527Kb / 5P
High Speed Switching Applications
SSM3K15FU TOSHIBA-SSM3K15FU_07 Datasheet
202Kb / 5P
High Speed Switching Applications
logo
Guangdong Kexin Industr...
2SC4522 KEXIN-2SC4522 Datasheet
45Kb / 2P
High-Speed Switching Applications
logo
Toshiba Semiconductor
SSM6N44FE TOSHIBA-SSM6N44FE Datasheet
154Kb / 5P
High Speed Switching Applications Analog Switching Applications
SSM6N37FE TOSHIBA-SSM6N37FE Datasheet
197Kb / 5P
High-Speed Switching Applications Analog Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com