Electronic Components Datasheet Search
  English  ▼

X  

VRPD-15C Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # VRPD-15C
Description  NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 15A
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRPD-15C Datasheet(HTML) 4 Page - Bel Fuse Inc.

  VRPD-15C Datasheet HTML 1Page - Bel Fuse Inc. VRPD-15C Datasheet HTML 2Page - Bel Fuse Inc. VRPD-15C Datasheet HTML 3Page - Bel Fuse Inc. VRPD-15C Datasheet HTML 4Page - Bel Fuse Inc. VRPD-15C Datasheet HTML 5Page - Bel Fuse Inc. VRPD-15C Datasheet HTML 6Page - Bel Fuse Inc. VRPD-15C Datasheet HTML 7Page - Bel Fuse Inc. VRPD-15C Datasheet HTML 8Page - Bel Fuse Inc. VRPD-15C Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2006 Bel Fuse Inc.
Specifications subject to change without notice. 06.06
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP06VRPD-15C
3.3V Input / 1.2V – 2.5V Output / 15A
page 4
Output Specifications
r
e
t
e
m
a
r
a
P
e
l
u
d
o
M
l
o
b
m
y
S
n
i
M
l
a
c
i
p
y
T
x
a
M
s
t
i
n
U
e
s
n
o
p
s
e
R
t
n
e
i
s
n
a
r
T
3
∆
d
a
o
L
x
a
M
f
o
%
0
0
1
o
t
%
0
5
V
V
5
.
2
0
0
10
5
1V
m
e
m
i
T
g
n
il
t
t
e
Ss
T
5
30
5s
µ
∆
d
a
o
L
x
a
M
f
o
%
0
5
o
t
%
0
0
1
V
0
0
10
5
1V
m
e
m
i
T
g
n
il
t
t
e
Ss
T
5
30
5s
µ
e
s
n
o
p
s
e
R
t
n
e
i
s
n
a
r
T
3
∆
d
a
o
L
x
a
M
f
o
%
0
0
1
o
t
%
0
5
V
V
8
.
1
0
0
10
5
1V
m
e
m
i
T
g
n
il
t
t
e
Ss
T
5
30
5s
µ
∆
d
a
o
L
x
a
M
f
o
%
0
5
o
t
%
0
0
1
V
0
0
10
5
1V
m
e
m
i
T
g
n
il
t
t
e
Ss
T
5
30
5s
µ
e
s
n
o
p
s
e
R
t
n
e
i
s
n
a
r
T
3
∆
d
a
o
L
x
a
M
f
o
%
0
0
1
o
t
%
0
5
V
V
5
.
1
0
0
10
5
1V
m
e
m
i
T
g
n
il
t
t
e
Ss
T
5
30
5s
µ
∆
d
a
o
L
x
a
M
f
o
%
0
5
o
t
%
0
0
1
V
0
0
10
5
1V
m
e
m
i
T
g
n
il
t
t
e
Ss
T
5
30
5s
µ
e
s
n
o
p
s
e
R
t
n
e
i
s
n
a
r
T
3
∆
d
a
o
L
x
a
M
f
o
%
0
0
1
o
t
%
0
5
V
V
2
.
1
0
0
10
5
1V
m
e
m
i
T
g
n
il
t
t
e
Ss
T
5
30
5s
µ
∆
d
a
o
L
x
a
M
f
o
%
0
5
o
t
%
0
0
1
V
0
0
10
5
1V
m
e
m
i
T
g
n
il
t
t
e
Ss
T
5
30
5s
µ
Note: All specifications are typical at nominal input, full load at 25° C unless otherwise stated.
3. di/dt = 0.5A/1µS, Ta = 25° C with a 470µF aluminum cap on the output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com