Electronic Components Datasheet Search
  English  ▼

X  

VRPD-15C Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # VRPD-15C
Description  NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 15A
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRPD-15C Datasheet(HTML) 1 Page - Bel Fuse Inc.

  VRPD-15C Datasheet HTML 1Page - Bel Fuse Inc. VRPD-15C Datasheet HTML 2Page - Bel Fuse Inc. VRPD-15C Datasheet HTML 3Page - Bel Fuse Inc. VRPD-15C Datasheet HTML 4Page - Bel Fuse Inc. VRPD-15C Datasheet HTML 5Page - Bel Fuse Inc. VRPD-15C Datasheet HTML 6Page - Bel Fuse Inc. VRPD-15C Datasheet HTML 7Page - Bel Fuse Inc. VRPD-15C Datasheet HTML 8Page - Bel Fuse Inc. VRPD-15C Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2006 Bel Fuse Inc.
Specifications subject to change without notice. 06.06
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP06VRPD-15C
3.3V Input / 1.2V – 2.5V Output / 15A
•
Nonisolated
•
Industry standard pinout
•
Fixed frequency
•
High efficiency means less power dissipation
•
Optimized for cost
•
Remote on/off
•
Undervoltage lockout (UVLO)
•
Over current and short circuit protection
•
Remote sense
•
Over temperature shutdown protection
Description
The Bel VRPD-15C modules are a series of non-isolated, step down DC/DC power converters that operate from a nominal
3.3V source. These converters are available in a range of output voltages from 1.2V to 2.5V. They are packaged in an industry
standard, single-in-line footprint and provide a maximum 15A output. Standard features include remote on/off, over current
and short circuit protection, output voltage adjust and remote sense. These products may be used almost anywhere low
voltage silicon is employed and a 3.3V source is available. Typical applications include file servers, routers, line cards and
other computing and communications equipment.
Applications
page 1
VRPD-15C Series
•
Distributed power architectures
•
Data networking equipment
•
Telecommunications
•
Computers and peripherals
Part Number Selection
Options
•
Reverse remote on/off logic
t
u
p
t
u
O
e
g
a
t
l
o
V
t
u
p
n
I
e
g
a
t
l
o
V
t
u
p
t
u
O
.
x
a
M
t
n
e
r
r
u
C
t
u
p
t
u
O
.
x
a
M
r
e
w
o
P
l
a
c
i
p
y
T
y
c
n
e
i
c
i
f
f
E
r
e
b
m
u
N
t
r
a
P
w
o
L
e
v
i
t
c
A
r
e
b
m
u
N
t
r
a
P
h
g
i
H
e
v
i
t
c
A
V
5
.
2V
3
.
3A
5
1W
5
.
7
3%
2
90
5
2
C
5
1
-
D
P
R
VH
5
2
C
5
1
-
D
P
R
V
V
8
.
1V
3
.
3A
5
1W
0
.
7
2%
7
80
8
1
C
5
1
-
D
P
R
VH
8
1
C
5
1
-
D
P
R
V
V
5
.
1V
3
.
3A
5
1W
5
.
2
2%
5
80
5
1
C
5
1
-
D
P
R
VH
5
1
C
5
1
-
D
P
R
V
V
2
.
1V
3
.
3A
5
1W
0
.
8
1%
1
80
2
1
C
5
1
-
D
P
R
VH
2
1
C
5
1
-
D
P
R
V
RoHS Compliant


Similar Part No. - VRPD-15C

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRPD-15B BEL-VRPD-15B Datasheet
252Kb / 14P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 15A
VRPD-15B120 BEL-VRPD-15B120 Datasheet
252Kb / 14P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 15A
VRPD-15B12L BEL-VRPD-15B12L Datasheet
252Kb / 14P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 15A
VRPD-15B150 BEL-VRPD-15B150 Datasheet
252Kb / 14P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 15A
VRPD-15B15L BEL-VRPD-15B15L Datasheet
252Kb / 14P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 15A
More results

Similar Description - VRPD-15C

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7DB-08B BEL-S7DB-08B Datasheet
289Kb / 16P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
S7DB-12B BEL-S7DB-12B Datasheet
209Kb / 13P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 12A
S7DB-12C BEL-S7DB-12C Datasheet
168Kb / 13P
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 12A
V7PD-15B BEL-V7PD-15B Datasheet
245Kb / 14P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 15A
V7PD-15C BEL-V7PD-15C Datasheet
347Kb / 14P
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 15A
S7DB-08C BEL-S7DB-08C Datasheet
179Kb / 13P
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 8A
SRAH-05B BEL-SRAH-05B Datasheet
190Kb / 15P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 5A
SRAH-05C BEL-SRAH-05C Datasheet
210Kb / 14P
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 5A
SRDB-08B BEL-SRDB-08B Datasheet
420Kb / 16P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
VRPD-15B BEL-VRPD-15B Datasheet
252Kb / 14P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 15A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com