Electronic Components Datasheet Search
  English  ▼

X  

FUSB15201 Datasheet(PDF) 7 Page - ON Semiconductor

Part # FUSB15201
Description  Dual Port USB Type-C & PD Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB15201 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FUSB15201 Datasheet HTML 3Page - ON Semiconductor FUSB15201 Datasheet HTML 4Page - ON Semiconductor FUSB15201 Datasheet HTML 5Page - ON Semiconductor FUSB15201 Datasheet HTML 6Page - ON Semiconductor FUSB15201 Datasheet HTML 7Page - ON Semiconductor FUSB15201 Datasheet HTML 8Page - ON Semiconductor FUSB15201 Datasheet HTML 9Page - ON Semiconductor FUSB15201 Datasheet HTML 10Page - ON Semiconductor FUSB15201 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
FUSB15201
www.onsemi.com
7
Table 6. ELECTRICAL CHARACTERISTICS (continued)
Minimum and maximum values are at VDD = 2.8 V to 5.5 V, TA = −40°C to +105°C unless otherwise noted.
Typical values are at TA = 25°C, VDD = 3.3 V
Symbol
Units
Max
Typ
Min
Conditions
Parameter
TYPE−C FRONT END
RSW_CCx_LOW_O
CP
Low OCP setting Rdson
for VDD to CC1 or VDD to CC2
ISW_CCx = 0 to 80 mA,
VCONN_OCP v 80 mA
2.7
5
Ω
ISW_CCx
Over Current Protection (OCP)
limit at which VCONN switch
shuts off over the entire VCONN
voltage range
VCONN_OCP = 800 mA
600
800
1000
mA
VCCx_OVP
CC1/2 Over−Voltage Protection
5.6
6.0
V
vRdSRCUSB
Source attach threshold for CC Pin
at default current
1.5
1.6
1.65
V
vRdSRC1.5
Source attach threshold for CC Pin
at 1.5 A current
1.5
1.6
1.65
V
vRdSRC3.0
Source attach threshold for CC Pin
at 3 A current
2.45
2.6
2.75
V
vRaSRCUSB
Source Ra threshold for CC Pin
at default current
0.15
0.2
0.25
V
vRaSRC1.5
Source Ra threshold for CC Pin
at 1.5 A current
0.35
0.4
0.45
V
vRaSRC3.0
Source Ra threshold for CC Pin
at 3 A current
0.75
0.8
0.85
V
vRdSNKUSB
Attach threshold for CC Pin SNK
(default current)
0.61
0.66
0.7
V
vRdSNK1.5
Attach threshold for CC Pin SNK
(1.5 A current)
1.16
1.23
1.31
V
vRdSNK3.0
Attach threshold for CC Pin SNK
(3 A current)
2.04
2.11
2.18
V
vRaSNK
Attach threshold for CC Pin SRC
or SNK
0.15
0.2
0.25
V
VSafe0V
Safe Operating Voltage at 0 V
0.6
0.8
V
VBUS DISCHARGE
RVBUS DISCH 0
Pull−down Resistance applied to
VBUS when selected
VBUS = 0.8 V to 21.5 V
315
450
585
W
RVBUS DISCH 1
VBUS = 0.8 V to 21.5 V
420
600
780
RVBUS DISCH 2
VBUS = 0.8 V to 21.5 V
525
750
975
RVBUS DISCH 3
VBUS = 0.8 V to 21.5 V
700
1000
1300
RVBUS DISCH 4
VBUS = 0.8 V to 21.5 V
1400
2000
2600
RVBUS DISCH 5
VBUS = 0.8 V to 21.5 V
4.20
6.00
7.80
kW
CURRENT CONSUMPTION
ISLEEP−UNATTACH
ED
Current consumption
when in deep sleep
VDD = VDDIO = 3.0 to
5.5 V VBUS = 0 V;
Not Type−C attached,
DRP Toggling; LSOSC
enabled; BC1.2 disabled
75
μA
ISLEEP
Sleep Current
VDD = VDDIO = 3.0 to
5.5 V VBUS = 0 V;
No I2C traffic, LSOSC
running; PD Peripheral
and ADC enabled. No
PD traffic.
700
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com