Electronic Components Datasheet Search
  English  ▼

X  

9DBU0231 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 9DBU0231
Description  2 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DBU0231 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 9DBU0231 Datasheet HTML 9Page - Renesas Technology Corp 9DBU0231 Datasheet HTML 10Page - Renesas Technology Corp 9DBU0231 Datasheet HTML 11Page - Renesas Technology Corp 9DBU0231 Datasheet HTML 12Page - Renesas Technology Corp 9DBU0231 Datasheet HTML 13Page - Renesas Technology Corp 9DBU0231 Datasheet HTML 14Page - Renesas Technology Corp 9DBU0231 Datasheet HTML 15Page - Renesas Technology Corp 9DBU0231 Datasheet HTML 16Page - Renesas Technology Corp 9DBU0231 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
REVISION D 04/22/15
13
2 O/P 1.5V PCIE GEN1-2-3 ZDB/FOB
9DBU0231 DATASHEET
Marking Diagrams
Notes:
1. “LOT” is the lot sequence number.
2. YYWW is the last two digits of the year and week that the part was assembled.
3. Line 2: truncated part number
4. “L” denotes RoHS compliant package.
5. “I” denotes industrial temperature range device.
Thermal Characteristics
LOT
U21AL
YYWW
LOT
U21AIL
YYWW
PARAMETER
SYMBOL
CONDITIONS
PKG
TYP
VALUE
UNITS
NOTES
Θ
JC
Junction to Case
62
°C/W
1
Θ
Jb
Junction to Base
5.4
°C/W
1
Θ
JA0
Junction to Air, still air
50
°C/W
1
Θ
JA1
Junction to Air, 1 m/s air flow
43
°C/W
1
Θ
JA3
Junction to Air, 3 m/s air flow
39
°C/W
1
Θ
JA5
Junction to Air, 5 m/s air flow
38
°C/W
1
1ePad soldered to board
Thermal Resistance
NLG20
NLG24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com