Electronic Components Datasheet Search
  English  ▼

X  

9DBU0231 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 9DBU0231
Description  2 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DBU0231 Datasheet(HTML) 2 Page - Renesas Technology Corp

  9DBU0231 Datasheet HTML 1Page - Renesas Technology Corp 9DBU0231 Datasheet HTML 2Page - Renesas Technology Corp 9DBU0231 Datasheet HTML 3Page - Renesas Technology Corp 9DBU0231 Datasheet HTML 4Page - Renesas Technology Corp 9DBU0231 Datasheet HTML 5Page - Renesas Technology Corp 9DBU0231 Datasheet HTML 6Page - Renesas Technology Corp 9DBU0231 Datasheet HTML 7Page - Renesas Technology Corp 9DBU0231 Datasheet HTML 8Page - Renesas Technology Corp 9DBU0231 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2 O/P 1.5V PCIE GEN1-2-3 ZDB/FOB
2
REVISION D 04/22/15
9DBU0231 DATASHEET
Pin Configuration
SMBus Address Selection Table
Power Management Table
Power Connections
PLL Operating Mode
24 23 22 21 20 19
FB_DNC# 1
18 DIF1#
VDDR1.5 2
17 DIF1
CLK_IN 3
16 VDDA1.5
CLK_IN# 4
15 GNDA
GNDR 5
14 DIF0#
GNDDIG 6
13 DIF0
7
8
9 10 11 12
v prefix indicates internal 120KOhm pull down
resistor
24-pin VFQFPN, 4x4 mm, 0.5mm pitch
9DBU0231
epad is Gnd
^ prefix indicates internal 120KOhm pull up resistor
^v prefix indicates internal 120KOhm pull up AND
pull down resistor (biased to VDD/2)
Address
1101101
x
+
Read/Write bit
True O/P
Comp. O/P
0
X
X
X
Low
Low
Off
1
Running
0
X
Low
Low
On1
1
Running
1
0
Running
Running
On1
1
Running
1
1
Low
Low
On1
CLK_IN
OEx# Pin
PLL
DIFx
CKPWRGD_PD#
SMBus
OEx bit
1. If Bypass mode is selected, the PLL will be off, and outputs will be running.
VDD
GND
25
76
11,20
10,21
16
15
Note: epad on this device is not electrically connected to the die.
It should be connected to ground for best thermal performance.
Input receiver analog
Digital Power
DIF outputs
PLL Analog
Description
Pin Number
HiBW_BypM_LoBW#
MODE
Byte1 [7:6]
Readback
Byte1 [4:3]
Control
0
PLL Lo BW
00
00
MBypass
01
01
1
PLL Hi BW
11
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com