Electronic Components Datasheet Search
  English  ▼

X  

9DBU0731 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 9DBU0731
Description  7-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DBU0731 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 9DBU0731 Datasheet HTML 2Page - Renesas Technology Corp 9DBU0731 Datasheet HTML 3Page - Renesas Technology Corp 9DBU0731 Datasheet HTML 4Page - Renesas Technology Corp 9DBU0731 Datasheet HTML 5Page - Renesas Technology Corp 9DBU0731 Datasheet HTML 6Page - Renesas Technology Corp 9DBU0731 Datasheet HTML 7Page - Renesas Technology Corp 9DBU0731 Datasheet HTML 8Page - Renesas Technology Corp 9DBU0731 Datasheet HTML 9Page - Renesas Technology Corp 9DBU0731 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
7-OUTPUT 1.5V PCIE GEN1-2-3 FANOUT BUFFER
6
MARCH 8, 2017
9DBU0731 DATASHEET
Electrical Characteristics–Input/Supply/Common Parameters–Normal Operating
Conditions
TA = TAMB; Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Supply Voltage
VDDx
Supply voltage for core and analog
1.425
1.5
1.575
V
Output Supply Voltage
VDDIO
Low Voltage Supply LP-HCSL Outputs
0.95
1.05-1.5
1.575
V
Commercial range
0
25
70
°C
1
Industrial range
-40
25
85
°C
1
Input High Voltage
VIH
Single-ended inputs, except SMBus
0.75 VDD
VDD + 0.3
V
Input Mid Voltage
VIM
Single-ended tri-level inputs ('_tri' suffix)
0.4 VDD
0.6 VDD
V
Input Low Voltage
VIL
Single-ended inputs, except SMBus
-0.3
0.25 VDD
V
IIN
Single-ended inputs, VIN = GND, VIN = VDD
-5
5
µA
IINP
Single-ended inputs
VIN = 0 V; Inputs with internal pull-up resistors
VIN = VDD; Inputs with internal pull-down resistors
-200
200
µA
Input Frequency
Fin
1
167
MHz
2
Pin Inductance
Lpin
7nH
1
CIN
Logic Inputs, except DIF_IN
1.5
5
pF
1
CINDIF_IN
DIF_IN differential clock inputs
1.5
2.7
pF
1,5
COUT
Output pin capacitance
6
pF
1
Clk Stabilization
TSTAB
From VDD Power-Up and after input clock
stabilization or de-assertion of PD# to 1st clock
1ms
1,2
Input SS Modulation
Frequency PCIe
fMODINPCIe
Allowable Frequency for PCIe Applications
(Triangular Modulation)
30
33
kHz
Input SS Modulation
Frequency non-PCIe
fMODIN
Allowable Frequency for non-PCIe Applications
(Triangular Modulation)
066
kHz
OE# Latency
tLATOE#
DIF start after OE# assertion
DIF stop after OE# deassertion
1
3
clocks
1,3
Tdrive_PD#
tDRVPD
DIF output enable after
PD# de-assertion
300
µs
1,3
Tfall
tF
Fall time of single-ended control inputs
5
ns
2
Trise
tR
Rise time of single-ended control inputs
5
ns
2
SMBus Input Low Voltage
VILSMB
0.6
V
SMBus Input High Voltage
VIHSMB
VDDSMB = 3.3V, see note 4 for VDDSMB < 3.3V
2.1
3.3
V
4
SMBus Output Low Voltage
VOLSMB
@ IPULLUP
0.4
V
SMBus Sink Current
IPULLUP
@ VOL
4mA
Nominal Bus Voltage
VDDSMB
Bus Voltage
1.425
3.3
V
SCLK/SDATA Rise Time
tRSMB
(Max VIL - 0.15) to (Min VIH + 0.15)
1000
ns
1
SCLK/SDATA Fall Time
tFSMB
(Min VIH + 0.15) to (Max VIL - 0.15)
300
ns
1
SMBus Operating
Frequency
fMAXSMB
Maximum SMBus operating frequency
400
kHz
6
1Guaranteed by design and characterization, not 100% tested in production.
2Control input must be monotonic from 20% to 80% of input swing.
3Time from deassertion until outputs are >200 mV
4 For V
DDSMB < 3.3V, VIHSMB >= 0.8xVDDSMB
5DIF_IN input
6The differential input clock must be running for the SMBus to be active
Ambient Operating
Temperature
Input Current
Capacitance
TAMB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com