Electronic Components Datasheet Search
  English  ▼

X  

9DBU0731 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 9DBU0731
Description  7-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DBU0731 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 9DBU0731 Datasheet HTML 3Page - Renesas Technology Corp 9DBU0731 Datasheet HTML 4Page - Renesas Technology Corp 9DBU0731 Datasheet HTML 5Page - Renesas Technology Corp 9DBU0731 Datasheet HTML 6Page - Renesas Technology Corp 9DBU0731 Datasheet HTML 7Page - Renesas Technology Corp 9DBU0731 Datasheet HTML 8Page - Renesas Technology Corp 9DBU0731 Datasheet HTML 9Page - Renesas Technology Corp 9DBU0731 Datasheet HTML 10Page - Renesas Technology Corp 9DBU0731 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
MARCH 8, 2017
7
7-OUTPUT 1.5V PCIE GEN1-2-3 FANOUT BUFFER
9DBU0731 DATASHEET
Electrical Characteristics–DIF Low-Power HCSL Outputs
Electrical Characteristics–Current Consumption
TA = TAMB; Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
dV/dt
Scope averaging on, fast setting
1.4
2.3
3.5
V/ns
1,2,3
dV/dt
Scope averaging on, slow setting
0.9
1.5
2.5
V/ns
1,2,3
Slew rate matching
ΔdV/dt
Slew rate matching, Scope averaging on
9.3
20
%
1,2,4
Voltage High
VHIGH
630
750
850
7
Voltage Low
VLOW
-150
26
150
7
Max Voltage
Vmax
763
1150
7
Min Voltage
Vmin
-300
22
7
Vswing
Vswing
Scope averaging off
300
1448
mV
1,2
Crossing Voltage (abs)
Vcross_abs
Scope averaging off
250
390
550
mV
1,5
Crossing Voltage (var)
Δ-Vcross
Scope averaging off
11
140
mV
1,6
2 Measured from differential waveform
7 At default SMBus settings.
Slew rate
Statistical measurement on single-ended signal
using oscilloscope math function. (Scope
averaging on)
mV
Measurement on single ended signal using
absolute value. (Scope averaging off)
mV
1Guaranteed by design and characterization, not 100% tested in production.
3 Slew rate is measured through the Vswing voltage range centered around differential 0V. This results in a +/-150mV window around
differential 0V.
4 Matching applies to rising edge rate for Clock and falling edge rate for Clock#. It is measured using a +/-75mV window centered on
the average cross point where Clock rising meets Clock# falling. The median cross point is used to calculate the voltage thresholds the
oscilloscope is to use for the edge rate calculations.
5 Vcross is defined as voltage where Clock = Clock# measured on a component test board and only applies to the differential rising
edge (i.e. Clock rising and Clock# falling).
6 The total variation of all Vcross measurements in any particular system. Note that this is a subset of Vcross_min/max (Vcross
absolute) allowed. The intent is to limit Vcross induced modulation by setting
Δ-Vcross to be smaller than Vcross absolute.
TA = TAMB; Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
IDDA
VDDO1.5+VDDR, @100MHz
2.2
3
mA
IDD
VDD, All outputs active @100MHz
3.6
5
mA
IDDIO
VDDIO, All outputs active @100MHz
26
31
mA
IDDAPD
VDDO1.5+VDDR, CKPWRGD_PD#=0
0.4
1
mA
2
IDDPD
VDDx, CKPWRGD_PD#=0
0.25
0.6
mA
2
IDDIOPD
VDDIO, CKPWRGD_PD#=0
0.0006
0.1
mA
2
1 Guaranteed by design and characterization, not 100% tested in production.
2 Input clock stopped.
Operating Supply Current
Powerdown Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com