Electronic Components Datasheet Search
  English  ▼

X  

9EPRS488 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 9EPRS488
Description  System Clock for Embedded AMDTM based Systems
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9EPRS488 Datasheet(HTML) 2 Page - Renesas Technology Corp

  9EPRS488 Datasheet HTML 1Page - Renesas Technology Corp 9EPRS488 Datasheet HTML 2Page - Renesas Technology Corp 9EPRS488 Datasheet HTML 3Page - Renesas Technology Corp 9EPRS488 Datasheet HTML 4Page - Renesas Technology Corp 9EPRS488 Datasheet HTML 5Page - Renesas Technology Corp 9EPRS488 Datasheet HTML 6Page - Renesas Technology Corp 9EPRS488 Datasheet HTML 7Page - Renesas Technology Corp 9EPRS488 Datasheet HTML 8Page - Renesas Technology Corp 9EPRS488 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2
Integrated
Circuit
Systems, Inc.
ICS9EPRS488
Datasheet
1616—08/20/09
Pin Description
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
1
SMBCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.
2
SMBDAT
I/O
Data pin for SMBus circuitry, 5V tolerant.
3
VDD
PWR
Power supply for SRC7/27MHz
4
SRC7C_LPRS/27MHz_NS
OUT
True clock of low power differential SRC clock pair. (no 50ohm shunt resistor to GND and no 33 ohm
series resistor needed)/27MHz 3.3V Single-ended non-spread output for discrete graphics
5
SRC7T_LPRS/27MHz_SS
OUT
Complement clock of low power differential SRC clock pair. (no 50ohm shunt resistor to GND and no 33
ohm series resistor needed)/27MHz 3.3V Single-ended spreading output for discrete graphics
6
GND
GND
Ground pin for SRC7/27MHz
7
SRC5C_LPRS
OUT
Complement clock of low power differential SRC clock pair. (no 50ohm shunt resistor to GND and no 33
ohm series resistor needed)
8
SRC5T_LPRS
OUT
True clock of low power differential SRC clock pair. (no 50ohm shunt resistor to GND and no 33 ohm
series resistor needed)
9
SRC4C_LPRS
OUT
Complement clock of low power differential SRC clock pair. (no 50ohm shunt resistor to GND and no 33
ohm series resistor needed)
10
SRC4T_LPRS
OUT
True clock of low power differential SRC clock pair. (no 50ohm shunt resistor to GND and no 33 ohm
series resistor needed)
11
GNDSRC
GND
Ground pin for the SRC outputs
12
VDDSRC_IO
PWR
Power supply for differential SRC outputs, nominal 1.05V to 3.3V
13
SRC3C_LPRS
OUT
Complement clock of low power differential SRC clock pair. (no 50ohm shunt resistor to GND and no 33
ohm series resistor needed)
14
SRC3T_LPRS
OUT
True clock of low power differential SRC clock pair. (no 50ohm shunt resistor to GND and no 33 ohm
series resistor needed)
15
SRC2C_LPRS
OUT
Complement clock of low power differential SRC clock pair. (no 50ohm shunt resistor to GND and no 33
ohm series resistor needed)
16
SRC2T_LPRS
OUT
True clock of low power differential SRC clock pair. (no 50ohm shunt resistor to GND and no 33 ohm
series resistor needed)
17
VDDSRC
PWR
Supply for SRC core, 3.3V nominal
18
VDDSRC_IO
PWR
Power supply for differential SRC outputs, nominal 1.05V to 3.3V
19
GNDSRC
GND
Ground pin for the SRC outputs
20
SRC1C_LPRS
OUT
Complement clock of low power differential SRC clock pair. (no 50ohm shunt resistor to GND and no 33
ohm series resistor needed)
21
SRC1T_LPRS
OUT
True clock of low power differential SRC clock pair. (no 50ohm shunt resistor to GND and no 33 ohm
series resistor needed)
22
SRC0C_LPRS
OUT
Complement clock of low power differential SRC clock pair. (no 50ohm shunt resistor to GND and no 33
ohm series resistor needed)
23
SRC0T_LPRS
OUT
True clock of low power differential SRC clock pair. (no 50ohm shunt resistor to GND and no 33 ohm
series resistor needed)
24
**CLKREQ0#
IN
Clock Request pin for SRC0 outputs. If output is selected for control, then that output is controlled as
follows:
0 = enabled, 1 = Low-Low
25
ATIG2C_LPRS
OUT
Complementary clock of low-power differential push-pull PCI-Express pair with integrated series
resistor. (no 50ohm shunt resistor to GND and no 33 ohm series resistor needed)
26
ATIG2T_LPRS
OUT
True clock of low-power differential push-pull PCI-Express pair with integrated series resistor. (no
50ohm shunt resistor to GND and no 33 ohm series resistor needed)
27
GNDATIG
GND
Ground pin for the ATIG outputs
28
VDDATIG_IO
PWR
Power supply for differential ATIG outputs, nominal 1.05V to 3.3V
29
VDDATIG
PWR
Power supply for ATIG core, nominal 3.3V
30
ATIG1C_LPRS
OUT
Complementary clock of low-power differential push-pull PCI-Express pair with integrated series
resistor. (no 50ohm shunt resistor to GND and no 33 ohm series resistor needed)
31
ATIG1T_LPRS
OUT
True clock of low-power differential push-pull PCI-Express pair with integrated series resistor. (no
50ohm shunt resistor to GND and no 33 ohm series resistor needed)
32
ATIG0C_LPRS
OUT
Complementary clock of low-power differential push-pull PCI-Express pair with integrated series
resistor. (no 50ohm shunt resistor to GND and no 33 ohm series resistor needed)
33
ATIG0T_LPRS
OUT
True clock of low-power differential push-pull PCI-Express pair with integrated series resistor. (no
50ohm shunt resistor to GND and no 33 ohm series resistor needed)
34
SB_SRC1C_LPRS
OUT
Complement clock of low power differential Chipset-to-Chipset SRC clock pair. (no 50ohm shunt resistor
to GND and no 33 ohm series resistor needed
35
SB_SRC1T_LPRS
OUT
True clock of low power differential Chipset-to-Chipset SRC clock pair. (no 50ohm shunt resistor to GND
and no 33 ohm series resistor needed
36
GNDSB_SRC
GND
Ground pin for the SB_SRC outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com