Electronic Components Datasheet Search
  English  ▼

X  

9EPRS488 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 9EPRS488
Description  System Clock for Embedded AMDTM based Systems
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9EPRS488 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 9EPRS488 Datasheet HTML 15Page - Renesas Technology Corp 9EPRS488 Datasheet HTML 16Page - Renesas Technology Corp 9EPRS488 Datasheet HTML 17Page - Renesas Technology Corp 9EPRS488 Datasheet HTML 18Page - Renesas Technology Corp 9EPRS488 Datasheet HTML 19Page - Renesas Technology Corp 9EPRS488 Datasheet HTML 20Page - Renesas Technology Corp 9EPRS488 Datasheet HTML 21Page - Renesas Technology Corp 9EPRS488 Datasheet HTML 22Page - Renesas Technology Corp 9EPRS488 Datasheet HTML 23Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21
Integrated
Circuit
Systems, Inc.
ICS9EPRS488
Datasheet
1616—08/20/09
DIMENSIONS
A
0.8
1.0
N
72
A1
0
0.05
ND
18
A3
NE
18
b
0.18
0.3
D x E BASIC
10.00 x 10.00
e
D2 MIN. / MAX.
5.75 / 6.15
E2 MIN. / MAX.
5.75 / 6.15
L MIN. / MAX.
0.30/ 0.50
0.25 Reference
0.50 BASIC
ICS 72L
TOLERANCE
THERMALLY ENHANCED, VERY THIN, FINE PITCH
QUAD FLAT / NO LEAD PLASTIC PACKAGE
DIMENSIONS
SYMBOL
MIN.
MAX.
SYMBOL
Ordering Information
Part/Order Number
Shipping Packaging
Package
Temperature
9EPRS488CKLF
Tubes
72-pin MLF
0 to +70° C
9EPRS488CKLFT
Tape and Reel
72-pin MLF
0 to +70° C
Parts that are ordered w ith a “LF” suffix to the part num ber are the Pb-Free configuration and are RoHS com pliant.
Due to package size constraints, actual top-side m arking m ay differ from the full orderable part num ber.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com