Electronic Components Datasheet Search
  English  ▼

X  

ADC08200 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC08200
Description  8-Bit, 20 MSPS to 200 MSPS, 1.05 mW/MSPS A/D Converter with Internal Sample-and-Hold
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08200 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  ADC08200 Datasheet HTML 1Page - National Semiconductor (TI) ADC08200 Datasheet HTML 2Page - National Semiconductor (TI) ADC08200 Datasheet HTML 3Page - National Semiconductor (TI) ADC08200 Datasheet HTML 4Page - National Semiconductor (TI) ADC08200 Datasheet HTML 5Page - National Semiconductor (TI) ADC08200 Datasheet HTML 6Page - National Semiconductor (TI) ADC08200 Datasheet HTML 7Page - National Semiconductor (TI) ADC08200 Datasheet HTML 8Page - National Semiconductor (TI) ADC08200 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Absolute Maximum Ratings
(Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
A)
3.8V
Driver Supply Voltage (V
DR)VA +0.3V
Voltage on Any Input or Output
Pin
−0.3V to V
A
Reference Voltage (V
RT,VRB)VA to AGND
CLK, PD Voltage Range
−0.05V to
(V
A + 0.05V)
Input Current at Any Pin (Note 3)
±25 mA
Package Input Current (Note 3)
±50 mA
Power Dissipation at T
A = 25˚C
See (Note 4)
ESD Susceptibility (Note 5)
Human Body Model
Machine Model
2500V
200V
Soldering Temperature, Infrared,
10 seconds (Note 6)
235˚C
Storage Temperature
−65˚C to +150˚C
Operating Ratings (Notes 1, 2)
Operating Temperature Range
−40˚C
≤ T
A
≤ +105˚C
Supply Voltage (V
A)
+2.7V to +3.6V
Driver Supply Voltage (V
DR)
+2.4V to V
A
Ground Difference |GND - DR GND|
0V to 300 mV
Upper Reference Voltage (V
RT)
0.5V to (V
A −0.3V)
Lower Reference Voltage (V
RB)
0Vto(V
RT −0.5V)
V
IN Voltage Range
V
RB to VRT
Package Thermal Resistance
Package
θ
JA
24-Lead TSSOP
92˚C/W
Converter Electrical Characteristics
The following specifications apply for V
A =VDR = +3.0VDC,VRT = +1.9V, VRB = 0.3V, CL = 5 pF, fCLK = 200 MHz at 50% duty
cycle. Boldface limits apply for T
J =TMIN to TMAX: all other limits TJ = 25˚C (Notes 7, 8)
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 9)
Units
(Limits)
DC ACCURACY
INL
Integral Non-Linearity
+1.0
−0.3
+1.9
−1.2
LSB (max)
LSB (min)
DNL
Differential Non-Linearity
±0.4
±0.95
LSB (max)
Missing Codes
0
(max)
FSE
Full Scale Error
36
50
mV (max)
V
OFF
Zero Scale Offset Error
46
60
mV (max)
ANALOG INPUT AND REFERENCE CHARACTERISTICS
V
IN
Input Voltage
1.6
V
RB
V (min)
V
RT
V (max)
C
IN
V
IN Input Capacitance
V
IN = 0.75V +0.5 Vrms
(CLK
LOW)
3pF
(CLK
HIGH)
4pF
R
IN
R
IN Input Resistance
>1M
Ω
BW
Full Power Bandwidth
500
MHz
V
RT
Top Reference Voltage
1.9
V
A
V (max)
0.5
V (min)
V
RB
Bottom Reference Voltage
0.3
V
RT − 0.5
V (max)
0
V (min)
V
RT -
V
RB
Reference Voltage Delta
1.6
1.0
V (min)
2.3
V (max)
R
REF
Reference Ladder Resistance
V
RT to VRB
160
120
Ω (min)
200
Ω (max)
CLK, PD DIGITAL INPUT CHARACTERISTICS
V
IH
Logical High Input Voltage
V
DR =VA = 3.6V
2.0
V (min)
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com