Electronic Components Datasheet Search
  English  ▼

X  

ADC08200 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC08200
Description  8-Bit, 20 MSPS to 200 MSPS, 1.05 mW/MSPS A/D Converter with Internal Sample-and-Hold
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08200 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button ADC08200 Datasheet HTML 11Page - National Semiconductor (TI) ADC08200 Datasheet HTML 12Page - National Semiconductor (TI) ADC08200 Datasheet HTML 13Page - National Semiconductor (TI) ADC08200 Datasheet HTML 14Page - National Semiconductor (TI) ADC08200 Datasheet HTML 15Page - National Semiconductor (TI) ADC08200 Datasheet HTML 16Page - National Semiconductor (TI) ADC08200 Datasheet HTML 17Page - National Semiconductor (TI) ADC08200 Datasheet HTML 18Page - National Semiconductor (TI) ADC08200 Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Applications Information (Continued)
3.0 POWER SUPPLY CONSIDERATIONS
A/D converters draw sufficient transient current to corrupt
their own power supplies if not adequately bypassed. A
10 µF tantalum or aluminum electrolytic capacitor should be
placed within an inch (2.5 cm) of the A/D power pins, with a
0.1 µF ceramic chip capacitor placed within one centimeter
of the converter’s power supply pins. Leadless chip capaci-
tors are preferred because they have low lead inductance.
While a single voltage source is recommended for the V
A
and V
DR
supplies of the ADC08200, these supply pins
should be well isolated from each other to prevent any digital
noise from being coupled into the analog portions of the
ADC. A choke or 27
Ω resistor is recommended between
these supply lines with adequate bypass capacitors close to
the supply pins.
As is the case with all high speed converters, the ADC08200
should be assumed to have little power supply rejection.
None of the supplies for the converter should be the supply
that is used for other digital circuitry in any system with a lot
of digital power being consumed. The ADC supplies should
be the same supply used for other analog circuitry.
No pin should ever have a voltage on it that is in excess of
the supply voltage or below ground by more than 300 mV,
not even on a transient basis. This can be a problem upon
application of power and power shut-down. Be sure that the
supplies to circuits driving any of the input pins, analog or
digital, do not come up any faster than does the voltage at
the ADC08200 power pins.
4.0 THE DIGITAL INPUT PINS
The ADC08200 has two digital input pins: The PD pin and
the Clock pin.
4.1 The PD Pin
The Power Down (PD) pin, when high, puts the ADC08200
into a low power mode where power consumption is reduced
to about 1.4 mW with the clock running, or to about 1 mW
with the clock held low. Output data is valid and accurate
about 1 microsecond after the PD pin is brought low.
The digital output pins retain the last conversion output code
when either the clock is stopped or the PD pin is high.
4.2 The ADC08200 Clock
Although the ADC08200 is tested and its performance is
guaranteed with a 200 MHz clock, it typically will function
well with clock frequencies from 10 MHz to 230 MHz.
The low and high times of the clock signal can affect the
performance of any A/D Converter. Because achieving a
precise duty cycle is difficult, the ADC08200 is designed to
maintain performance over a range of duty cycles. While it is
specified and performance is guaranteed with a 50% clock
duty cycle and 200 Msps, ADC08200 performance is typi-
cally maintained with clock high and low times of 0.65 ns and
0.87 ns, respectively, corresponding to a clock duty cycle
range of 13% to 82.5% with a 200 MHz clock. Note that
minimum low and high times may not be simultaneously
asserted.
20017934
FIGURE 4. The input amplifier should incorporate some gain for best performance (see text).
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com