Electronic Components Datasheet Search
  English  ▼

X  

ADC0831CCWM Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0831CCWM
Description  8-Bit Serial I/O A/D Converters with Multiplexer Options
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0831CCWM Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button ADC0831CCWM Datasheet HTML 13Page - National Semiconductor (TI) ADC0831CCWM Datasheet HTML 14Page - National Semiconductor (TI) ADC0831CCWM Datasheet HTML 15Page - National Semiconductor (TI) ADC0831CCWM Datasheet HTML 16Page - National Semiconductor (TI) ADC0831CCWM Datasheet HTML 17Page - National Semiconductor (TI) ADC0831CCWM Datasheet HTML 18Page - National Semiconductor (TI) ADC0831CCWM Datasheet HTML 19Page - National Semiconductor (TI) ADC0831CCWM Datasheet HTML 20Page - National Semiconductor (TI) ADC0831CCWM Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
Functional Description (Continued)
possible because the DI input is only “looked-at” during the
MUX addressing interval while the DO line is still in a high
impedance state.
3.0 Reference Considerations
The voltage applied to the reference input to these convert-
ers defines the voltage span of the analog input (the differ-
ence between V
IN(MAX) and VIN(MIN)) over which the 256
possible output codes apply. The devices can be used in
either ratiometric applications or in systems requiring abso-
lute accuracy. The reference pin must be connected to a
voltage source capable of driving the reference input resis-
tance of typically 3.5 k
Ω. This pin is the top of a resistor
divider string used for the successive approximation conver-
sion.
In a ratiometric system, the analog input voltage is propor-
tional to the voltage used for the A/D reference. This voltage
is typically the system power supply, so the V
REF pin can be
tied to V
CC (done internally on the ADC0832). This technique
relaxes the stability requirements of the system reference as
the analog input and A/D reference move together maintain-
ing the same output code for a given input condition.
For absolute accuracy, where the analog input varies be-
tween very specific voltage limits, the reference pin can be
biased with a time and temperature stable voltage source.
The LM385 and LM336 reference diodes are good low cur-
rent devices to use with these converters.
The maximum value of the reference is limited to the V
CC
supply voltage. The minimum value, however, can be quite
small (see Typical Performance Characteristics) to allow
direct conversions of transducer outputs providing less than
a 5V output span. Particular care must be taken with regard
to noise pickup, circuit layout and system error voltage
sources when operating with a reduced span due to the
increased sensitivity of the converter (1 LSB equals
V
REF/256).
4.0 The Analog Inputs
The most important feature of these converters is that they
can be located right at the analog signal source and through
just a few wires can communicate with a controlling proces-
sor with a highly noise immune serial bit stream. This in itself
greatly minimizes circuitry to maintain analog signal accu-
racy which otherwise is most susceptible to noise pickup.
However, a few words are in order with regard to the analog
inputs should the input be noisy to begin with or possibly
riding on a large common-mode voltage.
The differential input of these converters actually reduces
the effects of common-mode input noise, a signal common
to both selected “+” and “−” inputs for a conversion (60 Hz is
most typical). The time interval between sampling the “+”
input and then the “−” input is 1⁄2 of a clock period. The
change in the common-mode voltage during this short time
interval can cause conversion errors. For a sinusoidal
common-mode signal this error is:
where f
CM is the frequency of the common-mode signal,
V
PEAK is its peak voltage value
and f
CLK, is the A/D clock frequency.
For a 60 Hz common-mode signal to generate a 1⁄4 LSB error
(
≈5 mV) with the converter running at 250 kHz, its peak value
would have to be 6.63V which would be larger than allowed
as it exceeds the maximum analog input limits.
Due to the sampling nature of the analog inputs short spikes
of current enter the “+” input and exit the “−” input at the
clock edges during the actual conversion. These currents
decay rapidly and do not cause errors as the internal com-
parator is strobed at the end of a clock period. Bypass
capacitors at the inputs will average these currents and
cause an effective DC current to flow through the output
00558357
a) Ratiometric
00558358
b) Absolute with a reduced Span
FIGURE 2. Reference Examples
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com