Electronic Components Datasheet Search
  English  ▼

X  

ADC0831CCWM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0831CCWM
Description  8-Bit Serial I/O A/D Converters with Multiplexer Options
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0831CCWM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC0831CCWM Datasheet HTML 1Page - National Semiconductor (TI) ADC0831CCWM Datasheet HTML 2Page - National Semiconductor (TI) ADC0831CCWM Datasheet HTML 3Page - National Semiconductor (TI) ADC0831CCWM Datasheet HTML 4Page - National Semiconductor (TI) ADC0831CCWM Datasheet HTML 5Page - National Semiconductor (TI) ADC0831CCWM Datasheet HTML 6Page - National Semiconductor (TI) ADC0831CCWM Datasheet HTML 7Page - National Semiconductor (TI) ADC0831CCWM Datasheet HTML 8Page - National Semiconductor (TI) ADC0831CCWM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
ADC0831/ADC0832/ADC0834/ADC0838
8-Bit Serial I/O A/D Converters with Multiplexer Options
General Description
The ADC0831 series are 8-bit successive approximation A/D
converters with a serial I/O and configurable input multiplex-
ers with up to 8 channels. The serial I/O is configured to
comply with the NSC MICROWIRE™ serial data exchange
standard for easy interface to the COPS™ family of proces-
sors, and can interface with standard shift registers or µPs.
The 2-, 4- or 8-channel multiplexers are software configured
for single-ended or differential inputs as well as channel
assignment.
The differential analog voltage input allows increasing the
common-mode rejection and offsetting the analog zero input
voltage value. In addition, the voltage reference input can be
adjusted to allow encoding any smaller analog voltage span
to the full 8 bits of resolution.
Features
n
NSC MICROWIRE compatible — direct interface to
COPS family processors
n
Easy interface to all microprocessors, or operates
“stand-alone”
n
Operates ratiometrically or with 5 V
DC voltage reference
n
No zero or full-scale adjust required
n
2-, 4- or 8-channel multiplexer options with address logic
n
Shunt regulator allows operation with high voltage
supplies
n
0V to 5V input range with single 5V power supply
n
Remote operation with serial digital data link
n
TTL/MOS input/output compatible
n
0.3" standard width, 8-, 14- or 20-pin DIP package
n
20 Pin Molded Chip Carrier Package (ADC0838 only)
n
Surface-Mount Package
Key Specifications
n
Resolution
8 Bits
n
Total Unadjusted Error
±1⁄2 LSB and ±1 LSB
n
Single Supply
5 V
DC
n
Low Power
15 mW
n
Conversion Time
32 µs
Typical Application
00558301
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
COPS™ and MICROWIRE™ are trademarks of National Semiconductor Corporation.
July 2002
© 2002 National Semiconductor Corporation
DS005583
www.national.com


Similar Part No. - ADC0831CCWM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC0831CCWM TI-ADC0831CCWM Datasheet
2Mb / 40P
8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0831CCWM/NOPB TI-ADC0831CCWM/NOPB Datasheet
2Mb / 40P
8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0831CCWM/NOPB TI1-ADC0831CCWM/NOPB Datasheet
2Mb / 40P
ADC0831-N/ADC0832-N/ADC0834-N/ADC0838-N 8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0831CCWMNOPB TI1-ADC0831CCWMNOPB Datasheet
2Mb / 41P
ADC0831-N/ADC0832-N/ADC0834-N/ADC0838-N 8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0831CCWMX TI-ADC0831CCWMX Datasheet
2Mb / 40P
8-Bit Serial I/O A/D Converters with Multiplexer Options
More results

Similar Description - ADC0831CCWM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08131 NSC-ADC08131 Datasheet
488Kb / 21P
8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
ADC0844 NSC-ADC0844 Datasheet
467Kb / 20P
8-Bit uP Compatible A/D Converters with Multiplexer Options
logo
Micro Linear Corporatio...
ML2280 MICRO-LINEAR-ML2280 Datasheet
357Kb / 20P
Serial I/O 8-Bit A/D Converters
ML2281 MICRO-LINEAR-ML2281 Datasheet
410Kb / 26P
Serial I/O 8-Bit A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC08032 NSC-ADC08032 Datasheet
552Kb / 24P
8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
logo
Texas Instruments
ADC0831-N TI1-ADC0831-N Datasheet
797Kb / 35P
ADC0831/ADC0832/ADC0834/ADC0838 8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0831-N TI-ADC0831-N Datasheet
2Mb / 40P
8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0832CCN TI1-ADC0832CCN Datasheet
2Mb / 40P
ADC0831-N/ADC0832-N/ADC0834-N/ADC0838-N 8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0831-N TI1-ADC0831-N_14 Datasheet
2Mb / 41P
ADC0831-N/ADC0832-N/ADC0834-N/ADC0838-N 8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC08831 TI1-ADC08831 Datasheet
1Mb / 32P
8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com