Electronic Components Datasheet Search
  English  ▼

X  

82P33731 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # 82P33731
Description  Synchronous Equipment Timing Source for 10G/40G/100G Synchronous Ethernet
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

82P33731 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button 82P33731 Datasheet HTML 35Page - Renesas Technology Corp 82P33731 Datasheet HTML 36Page - Renesas Technology Corp 82P33731 Datasheet HTML 37Page - Renesas Technology Corp 82P33731 Datasheet HTML 38Page - Renesas Technology Corp 82P33731 Datasheet HTML 39Page - Renesas Technology Corp 82P33731 Datasheet HTML 40Page - Renesas Technology Corp 82P33731 Datasheet HTML 41Page - Renesas Technology Corp 82P33731 Datasheet HTML 42Page - Renesas Technology Corp 82P33731 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
38
©2017 Integrated Device Technology, Inc.
August 28, 2017
82P33731 Datasheet
6JTAG
This device is compliant with the IEEE 1149.1 Boundary Scan stan-
dard except the following:
• The output boundary scan cells do not capture data from the
core and the device does not support EXTEST instruction;
The JTAG interface timing diagram is shown in Figure - 17.
Figure 17. JTAG Interface Timing Diagram
Table 16: JTAG Timing Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
tTCK
TCK period
100
ns
tS
TMS / TDI to TCK setup time
25
ns
tH
TCK to TMS / TDI Hold Time
25
ns
tD
TCK to TDO delay time
50
ns
TCK
TDO
TMS
TDI
tTCK
tS
tH
tD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com