Electronic Components Datasheet Search
  English  ▼

X  

82P33731 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # 82P33731
Description  Synchronous Equipment Timing Source for 10G/40G/100G Synchronous Ethernet
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

82P33731 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button 82P33731 Datasheet HTML 19Page - Renesas Technology Corp 82P33731 Datasheet HTML 20Page - Renesas Technology Corp 82P33731 Datasheet HTML 21Page - Renesas Technology Corp 82P33731 Datasheet HTML 22Page - Renesas Technology Corp 82P33731 Datasheet HTML 23Page - Renesas Technology Corp 82P33731 Datasheet HTML 24Page - Renesas Technology Corp 82P33731 Datasheet HTML 25Page - Renesas Technology Corp 82P33731 Datasheet HTML 26Page - Renesas Technology Corp 82P33731 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 66 page
background image
22
©2017 Integrated Device Technology, Inc.
August 28, 2017
82P33731 Datasheet
3.2.3.2
Input Clock Quality Monitoring
The qualities of all the input clocks are always monitored in the fol-
lowing aspects:
• LOS (loss of signal) (only for IN1 and IN2)
• Activity
• Frequency
LOS monitoring is only conducted on IN1 and IN2. Activity and fre-
quency monitoring are conducted on all the input clocks.
The qualified clocks are available for selection for all 3 DPLLs.
3.2.3.2.1 Loss of Signal (LOS) Monitoring
IN1 and IN2 support the AMI input signal. LOS monitoring is con-
ducted on IN1 and IN2. A LOS event occurs when the amplitude of the
input clock falls below +0.6 Vp-p for 1 ms; the LOS event is cleared
when the amplitude rises higher than +1 Vp-p.
LOS status is indicated by the AMI1_LOS / AMI2_LOS bit. If the
AMI1_LOS / AMI2_LOS bit is ‘1’, the occurrence of LOS will trigger an
interrupt.
The input clock in LOS status is disqualified for clock selection for the
DPLL.
3.2.3.2.2 Activity Monitoring
Activity is monitored by using an internal leaky bucket accumulator,
as shown in Figure 9.
Each input clock is assigned an internal leaky bucket accumulator.
The input clock is monitored for each period of 128 ms, the internal leaky
bucket accumulator is increased by 1 when an event is detected; and it
is decreased by 1 when no event is detected within the period set by the
decay rate. The event is that an input clock drifts outside (>) ±500 ppm
with respect to the system clock within a 128 ms period.
There are four configurations (0 - 3) for a leaky bucket accumulator.
The leaky bucket configuration for an input clock is selected by the cor-
responding BUCKET_SEL[1:0] bits. Each leaky bucket configuration
consists of four elements: upper threshold, lower threshold, bucket size
and decay rate.
The bucket size is the capability of the accumulator. If the number of
the accumulated events reach the bucket size, the accumulator will stop
increasing even if further events are detected. The upper threshold is a
point above which a no-activity alarm is raised. The lower threshold is a
point below which the no-activity alarm is cleared. The decay rate is a
certain period during which the accumulator decreases by 1 if no event
is detected.
The leaky bucket configuration is programmed by one of four groups
of register bits: the BUCKET_SIZE_n_DATA[7:0] bits, the UPPER_
THRESHOLD_n_DATA[7:0] bits,
the LOWER_THRESHOLD_n_
DATA[7:0] bits and the DECAY_RATE_n_DATA[1:0] bits respectively; ‘n’
is 0 ~ 3.
The no-activity alarm status of the input clock is indicated by the
INn_NO_ACTIVITY_ALARM bit (14
 n  1).
The input clock with a no-activity alarm is disqualified for clock selec-
tion for the DPLLs.
Figure 9. Input Clock Activity Monitoring
Input Clock
Leaky Bucket Accumulator
No-activity Alarm Indication
Decay
Rate
Bucket Size
Upper Threshold
Lower Threshold
0
clock signal with no event
clock signal with events



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com