Electronic Components Datasheet Search
  English  ▼

X  

MM58248 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM58248
Description  High Voltage Display Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM58248 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MM58248 Datasheet HTML 1Page - National Semiconductor (TI) MM58248 Datasheet HTML 2Page - National Semiconductor (TI) MM58248 Datasheet HTML 3Page - National Semiconductor (TI) MM58248 Datasheet HTML 4Page - National Semiconductor (TI) MM58248 Datasheet HTML 5Page - National Semiconductor (TI) MM58248 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Voltage at Any Input Pin
VDD a 03V to VSS b 03V
Voltage at Any Display Pin
VDD to VDD b 625V
VDD a
lVDISl
625V
Storage Temperature
b
65 Cto a150 C
Power Dissipation at a25 C
Molded DIP Package Board Mount
228W
Molded DIP Package Socket Mount
205W
Molded DIP Package Board Mount iJA e 46 CW
Derate 217 mW C above a25 C
Molded DIP Package Socket Mount iJA e 51 CW
Derate 196 mW C above a25 C
Junction Temperature
130 C
Lead Temperature
(Soldering 10 seconds)
260 C
Operating Conditions
Min
Max
Units
Supply Voltage (VDD)
VSS e 0V
45
55
V
Display Voltage (VDIS)
b
55
b
25
V
Temperature Range
b
40
a
85
C
DC Electrical Characteristics
TA eb40 Cto a85 C VDD e 5V g05V VSS e 0V unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IDD
Power Supply Currents
VIN e VSS or VDD VSS e 0V
150
m
A
VDIS Disconnected
IDIS
VDD e 55V VSS e 0V
10
mA
VDIS eb55V All Outputs Low
VIL
Input Logic Levels
08
V
DATA IN CLOCK Logic ‘0’
VIH
Input Logic Levels
(Note 1)
24
V
DATA IN CLOCK Logic ‘1’
IIN
Input Currents DATA IN CLOCK
VIN e 0V or VDD
b
10
10
m
A
CIN
Input Capacitance DATA IN CLOCK
15
pF
ROFF
Display Output Impedances
VDD e 55V VSS e 0V
Output Off
(Figure 3a)
VDIS eb25V
60
400
kX
VDIS eb40V
70
550
kX
VDIS eb55V
80
650
kX
RON
Display Output Impedances
VDD e 55V VSS e 0V
Output on
(Figure 3b)
VDIS eb25V
30
40
kX
VDIS eb40V
26
37
kX
VDIS eb55V
23
34
kX
VDOL
Display Output
VDD e 55V IOUT e Open Circuit
VDIS
VDIS a 4V
Low Voltage
b
55V s VDIS s b25V
Note 1
74LSTTL VOH e 27V
IOUT eb400 mA TTL VOH e 24V
IOUT eb400 mA
AC Electrical Characteristics TA eb40 Cto a85 C VDD e 5V g05V
Symbol
Parameter
Conditions
Min
Typ
Max
Units
fC
Clock Input Frequency
(Notes 2 3)
10
MHz
tH
Clock Input High Time
300
ns
tL
Clock Input Low Time
300
ns
tDS
Data Input Setup Time
CL e 50 pF
100
ns
tDH
Data Input Hold Time
100
ns
Note 2
AC input waveform specification for test purposes tr tf s 20 ns f e 1 MHz 50% g10% duty cycle
Note 3
Clock input rise and fall times must not exceed 5 ms
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com