Electronic Components Datasheet Search
  English  ▼

X  

AD5744 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5744
Description  Complete, Quad, 14/16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5744 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5744 Datasheet HTML 14Page - Analog Devices AD5744 Datasheet HTML 15Page - Analog Devices AD5744 Datasheet HTML 16Page - Analog Devices AD5744 Datasheet HTML 17Page - Analog Devices AD5744 Datasheet HTML 18Page - Analog Devices AD5744 Datasheet HTML 19Page - Analog Devices AD5744 Datasheet HTML 20Page - Analog Devices AD5744 Datasheet HTML 21Page - Analog Devices AD5744 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Preliminary Technical Data
Rev. PrA 15-Nov-04| Page 18 of 27
VOUT
DAC
REGISTER
INTERFACE
LOGIC
OUTPUT
I/V AMPLIFIER
LDAC
SDO
SDIN
16-BIT
DAC
VREFIN
SYNC
INPUT
REGISTER
SCLK
Figure 9. Simplified Serial Interface showing input loading
circuitry for one DAC Channel
TRANSFER FUNCTION
Table 6 and Table 7 Show the ideal input code to output voltage
relationship for the AD5744/64 for both Offset binary and twos
complement data coding.
Table 6. Ideal output voltage to input code relationship for the
AD5764
Digital Input
Analog Output
Offset Binary Data Coding
MSB
LSB
VOUT
1111
1111
1111
1111
+2 VREF x (32767/32768)
1000
0000
0000
0001
+2 VREF x (1/32768)
1000
0000
0000
0000
0 V
0111
1111
1111
1111
-2 VREF x (1/32768)
0000
0000
0000
0000
-2 VREF x (32767/32768)
Twos Complement Data Coding
MSB
LSB
VOUT
0111
1111
1111
1111
+2 VREF x (32767/32768)
0000
0000
0000
0001
+2 VREF x (1/32768)
0000
0000
0000
0000
0 V
1111
1111
1111
1111
-2 VREF x (1/32768)
1000
0000
0000
0000
-2 VREF x (32767/32768)
Table 7. Ideal output voltage to input Code relationship for the
AD5744
Digital Input
Analog Output
Offset Binary Data Coding
MSB
LSB
VOUT
11
1111
1111
1111
+2 VREF x (8192/8192)
10
0000
0000
0001
+2 VREF x (1/8192)
10
0000
0000
0000
0 V
01
1111
1111
1111
-2 VREF x (1/8192)
00
0000
0000
0000
-2 VREF x (8192/8192)
Twos Complement Data Coding
MSB
LSB
VOUT
01
1111
1111
1111
+2 VREF x (8192/8192)
00
0000
0000
0001
+2 VREF x (1/8192)
00
0000
0000
0000
0 V
11
1111
1111
1111
-2 VREF x (1/8192)
10
0000
0000
0000
-2 VREF x (8192/8192)
The output voltage expression for the AD5764 is given by:
⎥⎦
⎤
⎢⎣
⎡
×
+
×
−
=
65536
4
2
D
V
V
V
REFIN
REFIN
OUT
The output voltage expression for the AD5744 is given by:
⎥⎦
⎤
⎢⎣
⎡
×
+
×
−
=
16384
4
2
D
V
V
V
REFIN
REFIN
OUT
where:
D is the decimal equivalent of the code loaded to the DAC.
VREFIN is the reference voltage applied at the REFIN pin.
ASYNCHRONOUS CLEAR (CLR)
CLR is an active low, level sensitive clear that allows the outputs
to be cleared to either 0 V (Offset binary coding) or negative
full scale (twos complement coding). It is necessary to maintain
CLR low for a minimum amount of time (refer to Figure 3) for
the operation to complete. When the CLR signal is returned
high, the output remains at the cleared value until a new value is
programmed. The CLR signal has priority over LDAC and
SYNC. A clear can also be initiated through software by writing
the command 0x04XXXX to the AD5744/64.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com