Electronic Components Datasheet Search
  English  ▼

X  

BCP56_SER Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BCP56_SER
Description  80 V, 1 A NPN medium power transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCP56_SER Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BCP56_SER Datasheet HTML 1Page - Nexperia B.V. All rights reserved BCP56_SER Datasheet HTML 2Page - Nexperia B.V. All rights reserved BCP56_SER Datasheet HTML 3Page - Nexperia B.V. All rights reserved BCP56_SER Datasheet HTML 4Page - Nexperia B.V. All rights reserved BCP56_SER Datasheet HTML 5Page - Nexperia B.V. All rights reserved BCP56_SER Datasheet HTML 6Page - Nexperia B.V. All rights reserved BCP56_SER Datasheet HTML 7Page - Nexperia B.V. All rights reserved BCP56_SER Datasheet HTML 8Page - Nexperia B.V. All rights reserved BCP56_SER Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
BCP56 series
80 V, 1 A NPN medium power transistors
Rev. 11 — 1 July 2022
Product data sheet
1. General description
NPN medium power transistors in a medium power SOT223 (SC-73) Surface-Mounted Device
(SMD) plastic package.
2. Features and benefits
• High collector current capability IC and ICM
• Three current gain selections
• High power dissipation capability
3. Applications
• Linear voltage regulators
• MOSFET drivers
• Low-side switches
• Power management
• Amplifiers
• Battery-driven devices


Similar Part No. - BCP56_SER

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP56-10 PHILIPS-BCP56-10 Datasheet
43Kb / 8P
NPN medium power transistors
1999 Apr 08
logo
Zetex Semiconductors
BCP56-10 ZETEX-BCP56-10 Datasheet
42Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BCP56-10 SIEMENS-BCP56-10 Datasheet
131Kb / 5P
NPN Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Infineon Technologies A...
BCP56-10 INFINEON-BCP56-10 Datasheet
48Kb / 5P
NPN Silicon AF Transistors
Nov-29-2001
BCP56-10 INFINEON-BCP56-10 Datasheet
530Kb / 7P
NPN Silicon AF Transistors
2008-10-10
More results

Similar Description - BCP56_SER

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC639 NXP-BC639 Datasheet
161Kb / 15P
80 V, 1 A NPN medium power transistors
Rev. 08-22 June 2007
BCX56-16.115 NXP-BCX56-16.115 Datasheet
161Kb / 15P
80 V, 1 A NPN medium power transistors
Rev. 08-22 June 2007
BCP56 PHILIPS-BCP56_15 Datasheet
1Mb / 22P
80 V, 1 A NPN medium power transistors
Rev. 9-25 October 2011
logo
Nexperia B.V. All right...
BCP56H NEXPERIA-BCP56H Datasheet
1Mb / 16P
80 V, 1 A NPN medium power transistors
BC56PA-Q_SER NEXPERIA-BC56PA-Q_SER Datasheet
250Kb / 13P
80 V, 1 A NPN medium power transistors
Rev. 2 - 24 June 2022
BC56PA_SER NEXPERIA-BC56PA_SER Datasheet
250Kb / 13P
80 V, 1 A NPN medium power transistors
Rev. 10 - 1 July 2022
BCP56 NEXPERIA-BCP56 Datasheet
1Mb / 22P
80 V, 1 A NPN medium power transistors
Rev. 9 - 25 October 2011
BCP56H_SER NEXPERIA-BCP56H_SER Datasheet
1Mb / 16P
80 V, 1 A NPN medium power transistors
Rev. 1 - 23 November 2016
BCP56T_SER NEXPERIA-BCP56T_SER Datasheet
287Kb / 15P
80 V, 1 A NPN medium power transistors
Rev. 3 - 1 July 2022
BCX56-Q_SER NEXPERIA-BCX56-Q_SER Datasheet
239Kb / 12P
80 V, 1 A NPN medium power transistors
Rev. 2 - 17 June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com