Electronic Components Datasheet Search
  English  ▼

X  

BCP56_SER Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BCP56_SER
Description  80 V, 1 A NPN medium power transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCP56_SER Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BCP56_SER Datasheet HTML 1Page - Nexperia B.V. All rights reserved BCP56_SER Datasheet HTML 2Page - Nexperia B.V. All rights reserved BCP56_SER Datasheet HTML 3Page - Nexperia B.V. All rights reserved BCP56_SER Datasheet HTML 4Page - Nexperia B.V. All rights reserved BCP56_SER Datasheet HTML 5Page - Nexperia B.V. All rights reserved BCP56_SER Datasheet HTML 6Page - Nexperia B.V. All rights reserved BCP56_SER Datasheet HTML 7Page - Nexperia B.V. All rights reserved BCP56_SER Datasheet HTML 8Page - Nexperia B.V. All rights reserved BCP56_SER Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Nexperia
BCP56 series
80 V, 1 A NPN medium power transistors
4. Quick reference data
Table 1. Quick reference data
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
80
V
IC
collector current
-
-
1
A
ICM
peak collector current
single pulse; tp ≤ 1 ms
-
-
2
A
DC current gain
BCP56
[1]
63
-
250
BCP56-10
[1]
63
-
160
hFE
BCP56-16
VCE = 2 V; IC = 150 mA
[1]
100
-
250
[1] pulsed; tp ≤ 300 μs; δ ≤ 0.02
5. Pinning information
Table 2. Pinning
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
B
base
2
C
collector
3
E
emitter
4
C
collector
1
3
2
4
sym016
C; C
E
B
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
BCP56
BCP56-10
BCP56-16
SC-73
plastic, surface-mounted package with increased heatsink;
4 leads
SOT223
7. Marking
Table 4. Marking
Type number
Marking code
BCP56
BCP56
BCP56-10
BCP56/10
BCP56-16
BCP56/16
BCP56_SER
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 11 — 1 July 2022
2 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com