Electronic Components Datasheet Search
  English  ▼

X  

VT16374ADL Datasheet(PDF) 4 Page - NXP Semiconductors

Part # VT16374ADL
Description  3.3V LVT 16-bit edge-triggered D-type flip-flop 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

VT16374ADL Datasheet(HTML) 4 Page - NXP Semiconductors

  VT16374ADL Datasheet HTML 1Page - NXP Semiconductors VT16374ADL Datasheet HTML 2Page - NXP Semiconductors VT16374ADL Datasheet HTML 3Page - NXP Semiconductors VT16374ADL Datasheet HTML 4Page - NXP Semiconductors VT16374ADL Datasheet HTML 5Page - NXP Semiconductors VT16374ADL Datasheet HTML 6Page - NXP Semiconductors VT16374ADL Datasheet HTML 7Page - NXP Semiconductors VT16374ADL Datasheet HTML 8Page - NXP Semiconductors VT16374ADL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product specification
74LVT16374A
3.3V 16-bit edge-triggered D-type flip-flop
(3-State)
1999 Oct 18
4
FUNCTION TABLE
INPUTS
INTERNAL
OUTPUTS
OPERATING MODE
nOE
nCP
nDx
REGISTER
nQ0 - nQ7
OPERATING MODE
L
L
↑
↑
l
h
L
H
L
H
Load and read register
L
↑
X
NC
NC
Hold
H
H
↑
↑
X
nDx
NC
nDx
Z
Z
Disable outputs
H = High voltage level
h
= High voltage level one set-up time prior to the High-to-Low E transition
L
= Low voltage level
l
= Low voltage level one set-up time prior to the High-to-Low E transition
NC= No change
X = Don’t care
Z = High impedance “off” state
↑ = Low-to-High clock transition
↑ = Not a Low-to-High clock transition
LOGIC DIAGRAM
CP Q
D
nD0
nQ0
CP Q
D
nD1
CP Q
D
nD2
CP Q
D
nD3
CP Q
D
nD4
CP Q
D
nD5
CP Q
D
nD6
CP Q
D
nD7
nQ1
nQ2
nQ3
nQ4
nQ5
nQ6
nQ7
nCP
nOE
SW00019
ABSOLUTE MAXIMUM RATINGS1, 2
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
-0.5 to +4.6
V
IIK
DC input diode current
VI < 0
-50
mA
VI
DC input voltage3
-0.5 to +7.0
V
IOK
DC output diode current
VO < 0
-50
mA
VOUT
DC output voltage3
Output in Off or High state
-0.5 to +7.0
V
IOUT
DC output current
Output in Low state
128
mA
IOUT
DC out ut current
Output in High state
-64
mA
Tstg
Storage temperature range
-65 to +150
°C
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
3. The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com